PART |
Description |
Maker |
2SC3242 2SC3242A |
900mW Lead frame NPN transistor, maximum rating: 20V Vceo, 2A Ic, 150 to 500 hFE. Complementary 2SA1282A 900mW Lead frame NPN transistor, maximum rating: 16V Vceo, 2A Ic, 150 to 800 hFE. Complementary 2SA1282 FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
|
Isahaya Electronics Corporation
|
2SK2880 |
450mW Lead Frame J-FET (Field-Effect Transistor), maximum rating: -50V Vgdo, 10mA Ig, 0.3 to 12 mA Idss. FOR LOW FREQUENCY AMPLIFY APPLICATION N CHANNEL JUNCTION TYPE MICRO(FRAME TYPE)
|
Isahaya Electronics Corporation
|
2SC2335-15 |
SILICON POWER TRANSISTO
|
Renesas Electronics Corporation
|
RPM7238-H8R RPM7238-H4R RPM7238-H9R |
Lead Frame Remote Control Receiver Modules (3V Type)
|
ROHM
|
RPM7240-H8R RPM7240-H4R RPM7240-H9R |
Lead Frame Remote Control Receiver Modules (3V Type)
|
ROHM
|
RPM7140-H8R RPM7140-H4R RPM7140-H9R RPM7140-V4R |
Lead Frame Remote Control Receiver Modules (5V Type)
|
ROHM
|
STW9Q14B |
Lead Frame type LED PKG size:5.6*3.0 thickness 0.9mm
|
Seoul Semiconductor
|
B5B-433-20 |
B5B-433-20 is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
|
Roithner LaserTechnik G...
|
B5B-434-TY |
B5B-434-TY is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
|
Roithner LaserTechnik G...
|
B5B-433-014 |
B5B-433-014 is a GaP LED mounted on a lead frame with a clear epoxy lens
|
Roithner LaserTechnik G...
|
PCL851 PCL85 |
TRIODE-PENTODE FOR USE AS FRAME OUTPUT TUBE AND FRAME OSCILLATOR
|
NXP Semiconductors
|