PART |
Description |
Maker |
STS5PF20V |
P-CHANNEL 20V - 0.065 OHM - 5A SO-8 2.5V-DRIVE STRIPFET II POWER MOSFET P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
|
ST Microelectronics STMicroelectronics 意法半导
|
STT5PF20V |
P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET From old datasheet system P-CHANNEL 20V - 0.065 OHM - 5A SOT23-6L 2.5V-DRIVE STRIPFET II POWER MOSFET
|
意法半导 ST Microelectronics
|
RFP30P05 RFG30P05 RF1S30P05SM FN2436 |
30A, 50V, 0.065 Ohm, P-Channel Power MOSFETs From old datasheet system 30A 50V 0.065 Ohm P-Channel Power MOSFETs 30A, 50V, 0.065 Ohm, P-Channel Power 30A, 50V, 0.065 Ohm, P-Channel Power 30A/ 50V/ 0.065 Ohm/ P-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
AF2301P AF2301PW AF2301PWA AF2301PWLA AF2301PWL |
V(ds): -20V; V(gs): -8V; -2.3A; 20V P-channel enchancement mode MOSFET 20V P-Channel Enhancement Mode MOSFET Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 RoHS Compliant: No MS27467T21B41S
|
Anachip Corp ETC
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
STT358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
FDMA520PZ FDMA520PZ08 |
Single P-Channel PowerTrench? MOSFET -20V, -7.3A, 30mΩ Single P-Channel PowerTrench㈢ MOSFET -20V, -7.3A, 30mヘ
|
Fairchild Semiconductor
|
KDC6020C |
N-Channel:VDS=20V ID=5.9A P-Channel:VDS=-20V ID=-4.2A RDS(ON) 55m
|
TY Semiconductor Co., Ltd
|
JANTX2N6766 |
N Channel MOSFET; Package: TO-204AE; ID (A): 30; PD (W): 150; BVDSS (V): 200; Rq: 0.83; 30 A, 200 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AE
|
Microsemi, Corp.
|
STC5NF20V |
N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET?II POWER MOSFET N-CHANNEL 20V - 0.030 OHM - 5A TSSOP8 2.7V-DRIVE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET II POWER MOSFET N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET⑩ II POWER MOSFET N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFETII POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STT5NF20V |
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET N-CHANNEL 20V 0.030 OHM 5A SOT23-6L 2.7-DRIVE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFETII POWER MOSFET N沟道20V 0.030欧姆- 5A条采用SOT23 - 6L 2.7 -驱动STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|