PART |
Description |
Maker |
STE70NM60 9410 |
N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET N-CHANNEL 600V - 0.050 OHM - 70A ISOTOP ZENER-PROTECTED MDMESH POWERMOSFET From old datasheet system
|
STMicroelectronics
|
STB60NH02L04 STB60NH02LT4 STB70NFS03L06 STB70NFS03 |
N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET 10 OHM, Quad, SPST, CMOS Analog Switches RADIATION HARD 4096 x 1 BIT STATIC RAM 4 Mbit (512 Kbit x 8) ZEROPOWER SRAM 5.0 V PC real-time clock N-channel 60V - 0.0075ohm - 70A - D2PAK STripFET TM III Power MOSFET for DC-DC conversion N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET TM III POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] MAXIM ZARLINK
|
SSG70C60 SSG70C40 SSG70C80 SSG70C100 |
TRIAC|600V V(DRM)|70A I(T)RMS|TO-209VARM12 TRIAC|400V V(DRM)|70A I(T)RMS|TO-209VARM12 可控硅| 400V五(DRM)的|0A口(T)的有效值|09VARM12 TRIAC|800V V(DRM)|70A I(T)RMS|TO-209VARM12 可控硅| 800V的五(DRM)的|0A口(T)的有效值|09VARM12 TRIAC|1KV V(DRM)|70A I(T)RMS|TO-209VARM12 可控硅| 1KV交五(DRM)的|0A口(T)的有效值|09VARM12
|
Microsemi, Corp.
|
FDB8444 |
N-Channel PowerTrench? MOSFET 40V, 70A, 5.5mOhm N-Channel PowerTrench㈢ MOSFET 40V, 70A, 5.5mOhm
|
Fairchild Semiconductor
|
FDB8445 |
N-Channel PowerTrench? MOSFET 40V, 70A, 9mOhm N-Channel PowerTrench㈢ MOSFET 40V, 70A, 9mOhm
|
Fairchild Semiconductor
|
SSU2N60B SSR2N60B SSR2N60 SSU2N60BTU SSR2N60BTF SS |
600V N-Channel MOSFET 600V N-Channel MOSFET 1.8 A, 600 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 600V N-Channel B-FET / Substitute of SSU2N60A 600V N-Channel B-FET / Substitute of SSR2N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STB3NC60 STB3NC60T4 STB3NC60-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-262AA TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-263AB N - CHANNEL 600V - 3.3Ohm -3A-D 2 PAK/I 2 PAK PowerMESH II MOSFET N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
FQA10N60C |
600V N-Channel MOSFET 600V N-Channel Advance Q-FET C-Series
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FQP2N60C FQPF2N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQI10N60C FQB10N60C FQB10N60CTM FQI10N60CTU |
600V N-Channel MOSFET 600V N-Channel Advance Q-FET C-Series
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
FQI8N60C FQB8N60C FQB8N60CTM |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|