PART |
Description |
Maker |
CNC4L901 |
Optoisolator
|
Panasonic Semiconductor
|
NTE3091 |
Optoisolator SCR Output
|
NTE[NTE Electronics]
|
MOCZ500 |
OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
|
Motorola, Inc
|
NTE3046 |
Optoisolator SCR Photothyristor Output
|
NTE Electronics
|
NTE3081 |
Optoisolator NPN Transistor Output
|
NTE[NTE Electronics]
|
NTE3044 |
Optoisolator NPN Darlington Transistor Output
|
NTE Electronics
|
NTE3086 |
Optoisolator Dual NPN Transistor Output
|
NTE[NTE Electronics]
|
MOC8100-M |
6-Pin DIP Optoisolator Transistor Output
|
Fairchild Semiconductor
|
NTE3094 |
Optoisolator Dual, High Speed, Open Collector NAND Gate Optoisolator Dual High Speed Open Collector NAND Gate
|
NTE[NTE Electronics]
|
T89C51RD2-RDBC-M T89C51RD2-RDBI-L T89C51RD2-RDBC-L |
0 to 40MHz Flash Programmable 8-bit Microcontroller IC - OPTOISOLATOR 4N28 00MHz可编程闪位微控制 0 to 40MHz Flash Programmable 8-bit Microcontroller 00MHz可编程闪位微控制 0 to 40MHz Flash Programmable 8-bit Microcontroller 00MHz可编程闪8位微控制 SOCKET, 479P, MPGA479, PENTIUM M, CENTRINO, SMT, 1.27MM PITCH
|
ATMEL Corporation http:// Atmel, Corp. Atmel Corp.
|
M95040-WMN6 M95040-RMN6 M95040-MN6 M95040MN M95010 |
512 X 8 SPI BUS SERIAL EEPROM, PDSO8 Octal Bus Transceivers And Registers With 3-State Outputs 24-TVSOP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 Octal Bus Transceivers And Registers With 3-State Outputs 24-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 Octal Registered Transceivers With 3-State Outputs 24-TSSOP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-SOIC -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 11-Bit Line/Memory Drivers With 3-State Outputs 28-SOIC -40 to 85 OPTOISOLATOR W/BASE 6-DIP 8-Bit to 9-Bit Parity Bus Transceivers 24-SOIC -40 to 85 High-Performance IR PIN Photodiode in Subminiature SMT Package, Gullwing, Tape & Reel 10-Bit Bus-Interface D-Type Latches With 3-State Outputs 24-PDIP -40 to 85 10-Bit Bus-Interface D-Type Latches With 3-State Outputs 24-TSSOP -40 to 85 Replaced by SN74ABT7819A : 512 x 18 x 2 bidirectional synchronous FIFO memory 80-QFP 0 to 70 Replaced by SN74ABT7819A : 512 x 18 x 2 bidirectional synchronous FIFO memory 80-LQFP 0 to 70 Octal Registered Transceivers With 3-State Outputs 24-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 512 x 18 x 2 Clocked Bidirectional First-In, First-Out Memory 80-LQFP 0 to 70 512 x 18 x 2 bidirectional asynchronous FIFO memory 80-LQFP 0 to 70 10-Bit Bus Interface Flip-Flops With 3-State Outputs 24-PDIP -40 to 85 10-Bit Bus-Interface D-Type Latches With 3-State Outputs 24-SOIC -40 to 85 4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock 4KbitKbitKbit SPI总线串行EEPROM的高速时 Replaced by SN74ABT533A : Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Replaced by SN74ABT533A : Octal Transparent D-Type Latches With 3-State Outputs 20-SOIC -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Scan Test Devices With Octal Bus Transceivers 24-SOIC -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 CONNECTOR ACCESSORY 连接器附 Octal Bus Transceivers With 3-State Outputs 20-SSOP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 10-Bit Buffers/Drivers With 3-State Outputs 24-TSSOP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 10-Bit Buffers/Drivers With 3-State Outputs 24-PDIP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 10-Bit Buffers/Drivers With 3-State Outputs 24-SO -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Replaced by SN74ABT377A : Octal Edge-Triggered D-Type Flip-Flops With Clock Enable 20-SOIC -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Replaced by SN74ABT377A : Octal Edge-Triggered D-Type Flip-Flops With Clock Enable 20-PDIP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Replaced by SN74ABT573A : Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Octal Transparent D-Type Latches With 3-State Outputs 20-PDIP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Octal Buffers/Drivers With 3-State Outputs 20-PDIP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 10-Bit Buffers/Drivers With 3-State Outputs 24-SOIC -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 10-Bit Buffers/Drivers With 3-State Outputs 24-SSOP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 AC/DC Power Supply; Output Power:15W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:1A; Power Supply Mounting:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 4KbitKbitKbit SPI总线串行EEPROM的高速时 Octal Bus Transceivers And Registers With 3-State Outputs 24-SOIC -40 to 85 4KbitKbitKbit SPI总线串行EEPROM的高速时 128 X 8 SPI BUS SERIAL EEPROM, PDSO8 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 128 X 8 SPI BUS SERIAL EEPROM, PDIP8
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导 EEPROM STMicroelectronics N.V.
|
MI-J21-IA MI-J21-IZ MI-J21-MZ MI-J7N-IZ MI-J7N-MY |
RES,Wirewound,2KOhms,65WV,5 /-% Tol GT 8C 8#16 SKT RECP WALL RESISTOR SILICONE 12 OHM 10W RESISTOR SILICONE 15 OHM 10W XCR3032XL-10VQG44I Flash 16Mb PROM (ST Micro), Flash 32Mb PROM (ST Micro), Bar Graph Display; Display Technology:LED; Package/Case:20-DIP; Color:High Efficiency Red; Forward Voltage:2.2V; Light Emitting Area:10 segments Bar Graph Display; Display Technology:LED; Package/Case:20-DIP; Color:High Efficiency Red; Forward Voltage:2.0V; Light Emitting Area:10 segments Gate / Inverter Logic IC; Logic Type:Dual 4-Input NOR Gate; Logic Family:4000; Logic Base Number:4002; Package/Case:14-DIP BACKSHELL DB37 METALIZED PLASTIC Replaced by PTN78000A,PTN04050C : FLUKE-117 CALIBRATED BY NEWARK INONE SERVICES HVAC Digital Multimeter and Infrared Thermometer Combo Kit; RoHS Compliant: NA Bipolar Transistor; Collector Emitter Voltage, Vceo:800V; Transistor Polarity:NPN; Power Dissipation:70W; C-E Breakdown Voltage:1500V; DC Current Gain Min (hfe):5; Collector Current:8A; Package/Case:3-TO-3PML RESISTOR WIREWOUND 390 OHM 10W RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:58, 58A, 58C, 141, 303, LMR195, Belden 7806A RoHS Compliant: Yes RESISTOR WIREWOUND 35 OHM 10W T-PNP-SI QUAD GEN PURPOSE T-NPN-SI-QUAD GEN PURP Amplifier, Other Bipolar Transistor; Current Rating:150mA; Voltage Rating:24V KPT 3C 3#20 SKT RECP D-SI 70PRV .1A Gate Logic IC; Logic Type:Gate; Logic Family:4000; Logic Base Number:4001; Package/Case:14-DIP; Number of Circuits:4; Mounting Type:Through Hole RoHS Compliant: Yes Darlington Bipolar Transistor; Mounting Type:Through Hole; Package/Case:TO-3; Current Rating:12A; Voltage Rating:100V RoHS Compliant: Yes Darlington Bipolar Transistor; Package/Case:TO-3; Mounting Type:Through Hole; Current Rating:12A; Voltage Rating:100V Thyristor; Current Rating:8A; Mounting Type:Through Hole; Package/Case:TO-64; Current, It av:8A; Repetitive Reverse Voltage Max, Vrrm:400V; Voltage Rating:400V Bipolar Transistor; Transistor Polarity:N Channel; C-E Breakdown Voltage:850V; DC Current Gain Min (hfe):5; Collector Current:15A; Package/Case:TO-3; Voltage Rating:450V Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:80V; Transistor Polarity:N Channel; Power Dissipation:0.8W; C-E Breakdown Voltage:80V; DC Current Gain Min (hfe):15; Collector Current:1A; Package/Case:TO-39 Bipolar Transistor; Transistor Polarity:PNP; Power Dissipation:5W; C-E Breakdown Voltage:320V; DC Current Gain Min (hfe):15; Collector Current:10A IC; Package/Case:12-lead quad in-line T-NPN-SI GEN PURP AMP Bipolar Transistor; Collector Emitter Voltage, Vceo:24V; Transistor Polarity:PNP; C-E Breakdown Voltage:12V; DC Current Gain Min (hfe):110; Collector Current:100mA; Package/Case:TO-5; Current Rating:0.1A; Voltage Rating:24V T-PNP- GE-AF PREAMP-DR-PO RESISTOR WIREWOUND 5.6K OHM 3W Bipolar Transistor; Current Rating:1.5A; Voltage Rating:50V T-NPN-SI-AF DRIVER ; Transistor Polarity:N Channel; C-E Breakdown Voltage:140V; DC Current Gain Min (hfe):20; Collector Current:12A; Package/Case:TO-3P; DC Current Gain Max (hfe):200; Mounting Type:Through Hole Single Digit Seven Segment Display; Number of Digits/Alpha:1; Digit/Alpha Height:7.62mm; Color:Red; Luminous Intensity (MSCP):500ucd LED-DISPLAY-RED RoHS Compliant: Yes Optoisolator; Collector Emitter Voltage, Vceo:30V; Transistor Polarity:NPN; Power Dissipation:250mW; C-E Breakdown Voltage:60V; DC Current Gain Min (hfe):50000; Collector Current:125mA; Package/Case:6-DIP RF Bipolar Transistor; Collector Emitter Voltage, Vceo:1V; Transistor Polarity:N Channel; Power Dissipation:5W; DC Current Gain Min (hfe):25; Collector Current:400mA; DC Current Gain Max (hfe):200; Power (Ptot):5W JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-30V; Zero Gate Voltage Drain Current Min, Idss:5mA; Zero Gate Voltage Drain Current Max, Idss:15mA; Gate-Source Cutoff Voltage Max, Vgs(off):-6V; Package/Case:TO-92 Optocoupler; Optocoupler Output Type:Transistor; Isolation Voltage:1500Vrms; Package/Case:6-DIP; Mounting Type:Through Hole; C-E Breakdown Voltage:30V; DC Current Gain Min (hfe):50; Transistor Polarity:NPN OPTOISOLATOR/DARL NPN-Output dc-Input Optocoupler,1-CHANNEL,3.5kV ISOLATION,DIP Optocoupler; Optocoupler Output Type:Transistor; Isolation Voltage:7500Vrms; Package/Case:6-DIP; Collector Current:0.05A; Mounting Type:Through Hole; Voltage Rating:30V; Transistor Polarity:NPN Optocoupler; Optocoupler Output Type:Transistor; Isolation Voltage:7500Vrms; Package/Case:6-DIP; Collector Current:0.5A; Mounting Type:Through Hole; C-E Breakdown Voltage:80V; DC Current Gain Max (hfe):3.5; Transistor Polarity:NPN Replaced by PTN04050C : Bipolar Transistor; Package/Case:TO-3P; Current Rating:10A; Voltage Rating:800V T-NPN-SI W/ 10K RESISTOR T-NPN-SI COLOR TV OUTPUT TVS UNI-DIR 64V 1500W SMC RF Bipolar Transistor; Collector Emitter Voltage, Vceo:300mV; Power Dissipation, Pd:0.3W; DC Current Gain Min (hfe):350; C-E Breakdown Voltage:120V; Collector Current:100mA; DC Current Gain Max (hfe):700; Power (Ptot):300mW RoHS Compliant: Yes Bipolar Transistor; Collector Emitter Voltage, Vceo:80V; Transistor Polarity:NPN; Power Dissipation:800mW; C-E Breakdown Voltage:80V; DC Current Gain Min (hfe):1000; Collector Current:1A; Package/Case:3-TO-92 T-NPN-SI HI SPEED SWITCH T-NPN SI- HI VLTG/SPEED Bipolar Transistor; Package/Case:TO-3P; Current Rating:6A; Voltage Rating:800V Bipolar Transistor; Current Rating:12A; Voltage Rating:400V Bipolar Transistor; Collector Emitter Voltage, Vceo:450V; Transistor Polarity:NPN; Power Dissipation:150W; DC Current Gain Min (hfe):10; Collector Current:15A; Package/Case:3-TO-218; Terminal Type:3; Current Rating:15A Bipolar Transistor; Collector Emitter Voltage, Vceo:450V; Transistor Polarity:NPN; Power Dissipation:125W; Collector Current:8A; Package/Case:3-TO-218; Terminal Type:3; Current Rating:8A; Number of Cross References:81 SRAM Memory IC; Memory Type:MOS SRAM; Access Time, Tacc:55ns; Memory Configuration:4K x 1 Bipolar Transistor; Current Rating:4A; Voltage Rating:80V milirtary DC-CD Converters 10 to 50W TVS BIDIRECT 1500W 64V SMC TVS UNIDIRECT 1500W 7.0V SMC Military DC-DC Converters 10 to 50W 军事的DC - DC转换00W CAP/ 27P 3K K CF X9S 军事的DC - DC转换00W Military DC-DC Converters 10 to 50W 军事的DC - DC转换100W Military DC-DC Converters 10 to 50W 军事的DC - DC转换1050W IC; Mounting Type:Through Hole; Package/Case:9-SIP 军事的DC - DC转换00W Military DC-DC Converters 10 to 50W 军事DC - DC转换00W 32 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN 军事的DC - DC转换00W CONNECTOR ACCESSORY 军事的DC - DC转换00W FLUKE-116 CALIBRATED BY NEWARK INONE SERVICES RoHS Compliant: NA 军事的DC - DC转换00W Flash 16Mb PROM (ST Micro) 军事的DC - DC转换00W Bipolar Transistor; Collector Emitter Voltage, Vceo:30V; Power Dissipation, Pd:625mW; DC Current Gain Min (hfe):50; C-E Breakdown Voltage:30V; Collector Current:300mA; DC Current Gain Max (hfe):800; Power (Ptot):750mW 军事的DC - DC转换00W GT 8C 8#16 PIN RECP WALL 军事的DC - DC转换00W Gate Logic IC; Logic Type:Gate; Logic Family:4000; Logic Base Number:4011; Package/Case:14-DIP; Number of Circuits:4; Mounting Type:Through Hole 军事的DC - DC转换00W SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):10A; Peak Non Repetitive Surge Current, Itsm:100A; Gate Trigger Current Max, Igt:8mA 军事的DC - DC转换00W Thyristor; Current Rating:10A; Mounting Type:Through Hole; Package/Case:TO-220; Current, It av:10A; Repetitive Reverse Voltage Max, Vrrm:600V; Voltage Rating:600V RoHS Compliant: Yes 军事的DC - DC转换00W
|
VICOR[Vicor Corporation] DC/DC变换 Vicor, Corp. Analog Devices, Inc. Maxim Integrated Products, Inc.
|
|