PART |
Description |
Maker |
LTC1660-15 |
Micropower Octal 8-Bit and 10-Bit DACs
|
Linear Technology
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD8803ARZ AD8801ARZ-REEL |
Octal 8-Bit TrimDAC with Power Shutdown & Mid-Scale Preset OCTAL, SERIAL INPUT LOADING, 0.6 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
N74F760D N74F760N N74F757AN 74F756 74F757 74F760 N |
From old datasheet system 16-Bit Ultra-Low-Power MCU, 24kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-SSOP -40 to 85 16-Bit Ultra-Low-Power MCU, 24kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-VQFN -40 to 85 Octal inverter buffer open-collector 74F756; 74F757; 74F760; Octal inverter buffer (open-collector); Octal buffer (open-collector); Octal buffer (open-collector)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
AD7809 AD7809BST AD7808 AD7808BN AD7808BR AD7805 A |
3.3 V to 5 V Octal 10-Bit Serial Loading DAC 3.3 V to 5 V Quad/Octal 10-Bit DACs 3.3 V to 5 V Quad 10-Bit Serial Loading DAC 3.3 V to 5 V Octal 10-Bit Parallel Loading DAC
|
AD[Analog Devices]
|
AD7391 AD7391ARU AD7390 AD7390AN |
3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
|
AD[Analog Devices]
|
MAX5839 MAX5839ACMH MAX5839AEMH MAX5839BCMH MAX583 |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface Octal / 13-Bit Voltage-Output DAC with Parallel Interface LJT 7C 7#20 PIN PLUG PARALLEL, WORD INPUT LOADING, 22 us SETTLING TIME, 13-BIT DAC, PQFP44
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
WM2610 WM2610IDT WM2610CDT |
TVS BIDIRECT 600W 7.5V SMB OCTAL 12-BIT, SERIAL INPUT DAC WITH POWER DOWN From old datasheet system Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
|
WOLFSON[Wolfson Microelectronics plc]
|
PLQ16L8-5A PLQ16L8-5N PLQ16R4-5A PLQ16R8-5A PLQ16R |
Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Fuse-Programmable PLD 保险丝,可编程的PLD
|
NIC Components, Corp.
|