PART |
Description |
Maker |
SKDH116-L75 SKDH116_12-L75 SKDH116_16-L75 SKDH116/ |
三相整流桥IGBT的制动斩波器 MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.15; |yfs| (S) typ: 0.029; PG (dB) typ: 22; Ciss (pF) typ: 2.1; NF (dB) typ: 1.75; IDSS (mA): -; Package: MPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
S7978 |
MOSFET, Switching; VDSS (V): -60; ID (A): -40; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: 0.033; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 25; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
KGF1322 K1322 |
From old datasheet system Power FET (Ceramic Package Type)
|
OKI[OKI electronic componets]
|
KGF1322S |
Power FET (Ceramic Package Type) From old datasheet system
|
OKI
|
KGF1321S |
Power FET (Ceramic Package Type) From old datasheet system
|
OKI
|
AIDM9 AIDM17J AIDM150 AIDM125 AIDM13G AIDM175 AIDM |
2-Channel Differential Input 24-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C .): 1Mbit/s; Current Transfer Ratio: 10% (min) (19% (min) for rank O) @I_F(IN)=16mA; Isolation voltage BVs @1minute (min) (V_rms): 5000; Safety Standard 24-Bit µPower No Latency Delta-Sigma ADC in SO-8; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IF Wave Detection ICs; Application: Cordless Telephone; Operating Voltage: 1.8-5.5V; Package: SSOP16 (0.65); Comments: Mixer/ IF Amp/ Noise Detection ) Typ.: 4.5; Package Type: 2-11D1B ) Typ.: 2.5; Package Type: 2-11D1B IC Output Photocouplers and Photorelays; Features: Buffer logic type(totem pole output); Package: MFSOP6; Surface Mount Type: Y; Number of Pins: 5 IC Output Photocouplers and Photorelays; Features: Inverter logic type(totem pole output); Package: SDIP6; Surface Mount Type: Y; Number of Pins: 6 Serial 12-Bit, 3.5Msps Sampling ADCs with Shutdown; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C High-Frequency Switching Power Transistors (2SA Series); Surface Mount Type: Y; Package: PW-MINI; Number Of Pins: 3; Publication Class: High Frequency Switching Power Transistor MOSFETs - Nch VDSS=30V; Surface Mount Type: N; Package: PW-MOLD; R DS On (Ω): (max 0.12) (max 0.1); I_S (A): (max 5) C-Band Power GaAs IMFETs; Frequency Band (GHz): 3.4-3.8; P1dB (dBm): 42.5; G1dB (dB): 12.5; Ids (A) Typ.: 4.4; IM3 (dBc) Typ.: -45; Rth (°C/W) Typ.: 1.5; Package Type: 2-16G1B 逻辑IC C-Band Power GaAs IMFETs; Frequency Band (GHz): 5.0-5.3; P1dB (dBm): 42.5; G1dB (dB): 8.5; Ids (A) Typ.: 4.4; IM3 (dBc) Typ.: -45; Rth (°C/W) Typ.: 1.5; Package Type: 2-16G1B 逻辑IC Logic IC 逻辑IC C-Band Power GaAs IMFETs; Frequency Band (GHz): 5.3-5.9; P1dB (dBm): 45.5; G1dB (dB): 8.5; Ids (A) Typ.: 8; IM3 (dBc) Typ.: -45; Rth (°C/W) Typ.: 1.2; Package Type: 2-16G1B 逻辑IC C-Band Power GaAs IMFETs; Frequency Band (GHz): 5.9-6.4; P1dB (dBm): 38.5; G1dB (dB): 10; Ids (A) Typ.: 1.6; IM3 (dBc) Typ.: -47; Rth (°C/W) Typ.: 3.8; Package Type: 2-11D1B 逻辑IC MOSFETs - Nch VDSS=30V; Surface Mount Type: N/Y; Package: TO-220FL/SM; R DS On (Ω): (max 0.02); I_S (A): (max 45)
|
Glenair, Inc. Square D by Schneider Electric
|
1SS300 |
Small package Small total capacitance :CT = 2.2 pF(Typ)Fast reverse recovery time :trr=1.6 ns(Typ)
|
TY Semiconductor Co., Ltd
|
STW12N120K5 STH12N120K5-2 |
N-channel 1200 V, 0.58 Ohm typ., 12 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-247 package N-channel 1200 V, 0.58 Ohm typ., 12 A Zener-protected SuperMESH(TM) 5 Power MOSFET in H2PAK-2 package
|
ST Microelectronics
|
STD7N80K5 STU7N80K5 |
N-channel 800 V, 0.95 Ohm typ., 6 A Zener-protected SuperMESH(TM) 5 Power MOSFET in DPAK package N-channel 800 V, 0.95 Ohm typ., 6 A Zener-protected SuperMESH(TM) 5 Power MOSFET in IPAK package
|
ST Microelectronics
|