PART |
Description |
Maker |
FQPF9N25C FQP9N25C FQP9N25CTSTU |
250V N-Channel MOSFET 8.8 A, 250 V, 0.43 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 250V N-Channel Advance Q-FET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRF634NL IRF634NS IRF634NSTRR |
Power MOSFET(Vdss=250V/ Rds(on)=0.435ohm/ Id=8.0A) Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.435ohm,身份证\u003d 8.0A TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 8A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 8A条(丁)|63AB
|
International Rectifier, Corp.
|
STS1C1S250 |
N-CHANNEL 250V - 0.9Ohm - 0.75A SO-8 P-CHANNEL 250V - 2.1Ohm - 0.6A SO-8 MESH OVERLAY POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRFU214A IRFR214A |
TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-251AA TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 2.2AI(四)|52AA
|
Intersil, Corp.
|
IRFP264N IRFP264NPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
|
IRF[International Rectifier]
|
IRFS654 IRFS654B IRF654B IRF654 IRF654BFP001 |
250V N-Channel MOSFET 250V N-Channel B-FET / Substitute of IRF654A
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
IRFM214B IRFM214BTFFP001 |
250V N-Channel B-FET / Substitute of IRFM214A 250V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF634 IRF634FP |
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAYMOSFET N沟道250V - 0.38ohm - 8A条TO-220/TO-220FP⑩MOSFET的网格密 N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY⑩ MOSFET N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY MOSFET N-CHANNEL 250V 0.38 OHM 8A TO-220/TO-220FP MESH OVERLAY MOSFET
|
TE Connectivity, Ltd. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRFU214B IRFR214B IRFU214BTUFP001 IRFR214BTMFP001 |
250V N-Channel MOSFET 250V N-Channel B-FET / Substitute of IRFU214 & IRFU214A 250V N-Channel B-FET / Substitute of IRFR214 & IRFR214A
|
http:// Intersil Corporation FAIRCHILD[Fairchild Semiconductor]
|
IRFP244 |
250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=15A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A) 功率MOSFET(减振钢板基本\u003d 250V,的Rdson)\u003d 0.28ohm,身份证\u003d 15A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF634 IRF634PBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
|
IRF[International Rectifier]
|
IRFI624G |
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.4A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|