PART |
Description |
Maker |
CQ202-4M-2 CQ202-4D-2 CQ202-4N-2 |
4.0 AMP TRIAC 600 THRU 800 VOLTS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ48-35B CQ48-35D CQ48-35M CQ48-35N |
35 AMP TRIAC 200 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
CQ39BS CQ39MS CQ39DS CQ39NS |
Leaded Thyristor TRIAC TRIAC 4.0 AMP, 200 THRU 800 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
CQ220-25B CQ220-25D CQ220-25M CQ220-25N |
Leaded Thyristor TRIAC 25 AMP TRIAC
|
Central Semiconductor Corp. Central Semiconductor C...
|
MAC4DSM MAC4DSMT4 MAC4DSM-001 MAC4DSN MAC4DSN-001 |
Thyristor TRIAC,4A Thyristor TRIAC 4A SILICON BIDIRECTIONAL THYRISTORS
|
ON Semiconductor
|
STK11C68-W30 STK11C68-W45 STK11C68-W45I STK11C68-C |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:8A; Holding Current:50mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:50mA; Current, It av:15A; Holding Current:70mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Package/Case:TO-3; Current, It av:25A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:25mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:30mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Current, It av:8A; Gate Trigger Current Max, Igt:35mA; Holding Current:35mA RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc.
|
Z86C95-20AEC |
Triac; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:5mA; Current, It av:0.8A; Leaded Process Compatible:Yes RoHS Compliant: Yes 8位微控制
|
Microchip Technology, Inc.
|
WRA4815YMT-3W WRB4815YMT-3W WRA0512YMT-3W WRB1212Y |
3W, WIDE INPUT , ISOLA TED & REGULATED SINGLE/DUAL OUTPUTDC/DC CONVERTER
|
Microdc power Technology Co., Ltd
|
2N6072 2N6072A 2N6072B 2N6074 2N6074A 2N6074B 2N60 |
Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 300 V. Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 500 V. Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 600 V.
|
Motorola
|
TMA34I TMA34S-L |
Triac (Bidirectional Triode Thyristor)
|
Sanken electric
|
TMA164B TMA164BI TMA166B TMA166BI TMA16XB |
Triac (Bidirectional Triode Thyristor)
|
Sanken electric
|
HTR1A80 |
BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
|
SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
|