PART |
Description |
Maker |
TA8552AFN EE08637 |
From old datasheet system PLL DATA SYNCHRONIZER FOR DAT STREANER PLL DATA SYNCHRONIZER FOR DAT STREAMER
|
TOSHIBA[Toshiba Semiconductor]
|
TA8552AFN02 |
PLL Data Synchronizer For DAT Streamer
|
Toshiba Semiconductor
|
DAT40 DAT80 |
(DAT Series) High Voltage / Power Capacitors
|
Murata Electronics
|
ON2175 |
Reflective photosensor Tape end sensor for DAT
|
Panasonic Corporation
|
MC74VHC1G1407 MC74VHC1G14DTT1G MC74VHC1G14 MC74VHC |
Single Schmitt−Trigger Inverter AHC/VHC SERIES, 1-INPUT INVERT GATE, PDSO5 Single Schmitt−Trigger Inverter
|
ONSEMI[ON Semiconductor]
|
74LCXU04TTR 74LCXU04 74LCXU04MTR |
LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS CMOS HEX INVERTER WITH 5V TOLERANT INPUT
|
意法半导 STMicroelectronics ST Microelectronics
|
LXM1617-05-61 LXM1617-05-63 LXM1617-05-6X LXM1617- |
CCFL Inverter Module - Single Lamp 5V 6W CCFL Programmable Inverter Module
|
MICROSEMI[Microsemi Corporation]
|
ULS2822J ULS2822L ULS2025L ULS2025J ULS2003J ULS20 |
Single buffer (open drain) Single 2-input open drain NAND gate ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 逻辑IC Single 2-input AND gate 单两输入与门 Single exclusive OR gate EMI FILTER WITH ESD PROTECTION - (ASD) LNB supply and control voltage regulator (parallel interface) N - channel 100 V - 0.33 " - 2 A - SOT-223 STripFET™ Power MOSFET Single 2-input OR gate Single 2-input NAND gate TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE Single bus buffer (3-state) Single inverter (open drain) Single Schmitt inverter ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
|
74V1GU04S 74V1GU04 74V1GU04C |
SINGLE INVERTER (SINGLE STAGE) SINGLE INVERTER SINGLE STAGE
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NLU1G04CMX1TCG |
Single Inverter
|
http://
|
74V1G0404 |
SINGLE INVERTER
|
STMicroelectronics
|