PART |
Description |
Maker |
2SB633 2SD613 |
85V/6A/ AF 25 to 35W Output Applications 85V/6A, AF 25 to 35W Output Applications
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
2SD613 2SB633 |
Epitaxial Planar Silicon Transistor 85V/6A, AF 25 to 35W Output Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
LT1118CST-2.5 LT1118CST-2.85 LT1118-2.5 LT1118-5 L |
LED 570NM GREEN DIFF 1206 SMD Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low I Q , Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low IQ/ Low Dropout/ 800mA/ Source and Sink Regulators Adjustable and Fixed 2.5V/ 2.85V/ 5V Output From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
RS-35-24 RS-35-48 RS-35-5 |
35W Single Output Switching Power Supply
|
Mean Well Enterprises C...
|
SC1155 |
Programmable Synchronous DC/DC Hysteretic Controller(用于先进微处理器的可编程同步步降DC/DC滞后型控制器(输出电.1V-1.85V)) 可编程同步DC / DC滞后控制器(用于先进微处理器的可编程同步步降直流/直流滞后型控制器(输出电.1V电压- 1.85V))
|
Semtech Corporation Semtech, Corp.
|
VR091B080CL |
DC/DC Converter Programmable, Single Output, 1.100V - 1.85V @ 80A
|
Murata Power Solutions Inc.
|
2SD613 2SD613F |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset POWER TRANSISTORS(6A/85V/40W) POWER TRANSISTORS(6A,85V,40W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
AME8841REHA AME8841 AME8841AEHA AME8841BEHA AME884 |
Output voltage: 1.5V; 600mA CMOS LDO Output voltage: 3.1V; 600mA CMOS LDO Output voltage: 2.9V; 600mA CMOS LDO Circular Connector; No. of Contacts:100; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 600毫安的CMOS LDO稳压 Output voltage: 2.85V; 600mA CMOS LDO Output voltage: 3.7V; 600mA CMOS LDO
|
AME[Analog Microelectronics] AME, Inc.
|
LT1118CS8-5PBF LT1118CST-5TRPBF LT1118CST-5PBF LT1 |
Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2.1 V-6.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|