PART |
Description |
Maker |
AS3833-ZSOT AS3833-ZTQT |
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
|
ams AG
|
1331 1332 1320G1BLACK 1327 1300 110G9 1377G1 1377G |
CONTACT 15A CRIMP/SOLDER POWERPOLE HOUSING & CONT.BLK POWERPOLE HOUSING RED POWERPOLE HOUSING & CONT.BLUE CONTACT 25A 90DEG PCB 0.7 CONTACT 25A VERTICAL PCB MTG POWERPOLE HOUSING & CONT. RED PLUG FREE LATCHED 6 WAY CONTACT 25A 90DEG PCB 0.4 联系25A90度板0.4 CONTACT 30A CRIMP/SOLDER 联系30A条卷 POWERPOLE HOUSING & CONT. RED POWERPOLE房屋 LOCKING PIN POWERPACK 锁销强力 POWERPOLE HOUSING GREEN POWERPOLE房屋
|
3M Company Anderson Power Products, Inc.
|
SML9030-T254 SML9030T254 |
P-Channel MOS Transistor(Vdss:-50V,Id(cont):-18A,Rds(on):0.14Ω)(P沟道MOS晶体Vdss:-50V,Id(cont):-18A,Rds(on):0.14Ω))
|
Semelab(Magnatec) TT electronics Semelab Limited Seme LAB
|
IRF054SMD |
N-Channel Power MOSFET(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)(N沟道功率MOS场效应管(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)) N沟道功率MOSFET(减振钢板基本:60V的,身份证(续)5A条,的Rds(on):0.027Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本0V的,身份证(续)5A条,的Rds(on.027Ω))
|
SemeLAB Seme LAB International Rectifier http://
|
0541323297 0541323397 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
AS3834 AS3834-ZSOT AS3834-ZTQT |
4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
|
ams AG
|
0545480570 0545480870 0545482070 0545481070 54548- |
0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
|
Molex Electronics Ltd.
|
AS1390A-BQFT AS1390B AS1390B-BSOT |
High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
|
ams AG
|
19003-0045 19023-0056 |
.250X.032 94V-0 FEM. FIQD CONT (BB-2206V 2 mm2, PUSH-ON TERMINAL MALE FIQD 14-16 AWG LOOSE 2 mm2, TAB TERMINAL
|
Molex, Inc.
|
SIC413CB-T1-E3 SI9175DH-T1 MAX8643 |
Switching Converters, Regulators & Controllers 4.0A 4.75-26V Built-In PWM Cont Learn More DC/DC Switching Controllers 600mA CMOS PWM/PSM Buck Converter 3A, 2MHz Step-Down Regulator with Integrated Switches 3AMHz、降压型调节器,内置开
|
KOA Speer Electronics,Inc. NXP Semiconductors N.V. Maxim Integrated Products, Inc.
|
APC08Y08-J APC08G08-J APC08F08-J APC08K08-J APC08M |
PWR CORD,3C,Y,TWIN END,4', 18AWG, HEADER,RT/ANGLE,MALE,2RW,80PIN .1"CTR,.025"PST,.23"GOLD TAIL HEADER,RT MALE,2RW,50 CONT, .1"CTR,.025"PST,.23"GOLD TAIL CONN,HEADER,STRAIGHT,20 PIN HEADER,VERTICAL,REC,2RW,30cont HEADER,ST MALE,2RW,10PIN, .1"CTR,.025"PST,.23"GOLD (10) HEADER,.1"ST MALE,2RW,14PIN, .025" PST,.23" GOLDTAIL HEADER,RT MALE,2RW,26 CONT, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,RT MALE,2RW,72PIN, .1"CTR,.025"PST,.23"GOLD TAIL CONNECTOR,HEADER,STRAIGHT, 50PIN HEADER,LP SHROUD,20PIN,STRGHT. HEADER,ST MALE,2RW,80 PIN, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,LP SHROUD,10PIN,STRGHT. CONN,HEADER,26 PIN,W/LATCHES, .100",MALE,STRAIGHT,DUAL ROW HEADER,ST MALE,2RW,50PIN, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,VERTICAL,REC,1RW,8cont CONNECTOR,HEADER,STRAIGHT, 10PIN PWR CORD,3C,9'10",BLACK,910PLG UNSHIELDED,18AWG,SJT,PIGTAIL HEADER,RT MALE,2RW,20 CONT, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,ST MALE,2RW,6PIN, .1"CTR,.025 PST,.23"GLDTL (10) 非隔离DC / DC电源模块 HEADER,.1"ST MALE,2RW,14PIN, .025" PST,.23" GOLDTAIL 非隔离DC / DC电源模块 HEADER,ST MALE,2RW,60PIN, .1"CTR,.025"PST,.23"GOLD TAIL 非隔离DC / DC电源模块 HEADER,.1"ST MALE,2RW,8PIN, .025"PST,.23"GOLDTAIL (10) 非隔离DC / DC电源模块
|
Astec America, Inc Alliance Semiconductor, Corp. JST Mfg. Co., Ltd.
|
|