PART |
Description |
Maker |
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
80CNQ040ASM 80CNQ045ASM 80CNQ040ASL 80CNQ045ASL 80 |
Microprocessor 2.32V Reset Monitor, -40C to 125C, 3-SC-70, T/R 45V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
International Rectifier
|
60CKQ045 |
45A 45V Hi-Rel Schottky Common Cathode Diode in a TO-258AA package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
16SCYQ045C 16SCYQ045CSCS 16SCYQ045C-15 |
16A 45V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
|
IRF[International Rectifier]
|
60CNQ045 60CNQ035 60CNQ040 60CNQ045SL 60CNQ045SM 6 |
SCHOTTKY RECTIFIER 45V 60A Schottky Common Cathode Diode in a D61-6-SL package 45V 60A Schottky Common Cathode Diode in a D61-6-SM package 40V 60A Schottky Common Cathode Diode in a D61-6 package
|
IRF[International Rectifier]
|
MBRS2045CT-Y MBRS20200CT-Y MBRS20100CT-Y |
20A, 45V - 200V Dual Common Cathode Schottky Rectifiers
|
Taiwan Semiconductor Co...
|
35CLQ045 |
35A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
International Rectifier
|
35SCGQ045 |
35A 45V Hi-Rel Schottky Common Cathode Diode in a TO-254AA package
|
International Rectifier
|
OM4201ST OM4201SR |
HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER 20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 16 Amp, 45 Volt Rating Center-Tap Rectifier
|
ETC[ETC] List of Unclassifed Manufacturers
|