PART |
Description |
Maker |
550D |
Solid Tantalum Capacitors, Solid-Electrolyte TANTALEX?, for High Frequency Power Supplies, Hermetically Sealed, Low ESR, Axial Leads
|
Vishay
|
173D225X0035V 173D225X0050W 173D225X0015U 173D225X |
Solid Tantalum Capacitors, Solid Electrolyte Tantalex, Axial Leaded, Molded Case, Standard Range Solid-Electrolyte TANTALEX Capacitors Axial-Leaded Molded-Case Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:18-30 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; Number of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle CONNECTOR ACCESSORY Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Aluminum Alloy; Series:SW3106; No. of Contacts:10; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female PT 30C 1#16,29#20 SKT PLUG PT 30C 1#16,29#20 SKT 插头 Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case 固态电解质TANTALEX电容,轴向引线,塑壳 LED PNL MT 7MM 6V CHROME RED 固态电解质TANTALEX电容,轴向引线,塑壳 OSC 5V SMT 7X5 CMOS PROGRM 固态电解质TANTALEX电容,轴向引线,塑壳 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle 固态电解质TANTALEX电容,轴向引线,塑壳 Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
CSR13G564JS M39003-01-8224 M39003-01-2254 M39003-0 |
LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-5675 Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13 Solid-Electrolyte TANTALEX? Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-8124 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-7123 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-6033 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-2490 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-6229 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-8228
|
Vishay Sprague Vishay Siliconix
|
550D277X0006S2 550D127X9015S2 550D157X9015S2 550D8 |
DIODE/SM, ZEN 9.1V 225MW 5% SOT-23 PT 26C 26#20 SKT RECP PT 26C 26#20 SKT 插头 Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies 固体电解质TANTALEX电容器高频电 TV 13C 13#22D SKT PLUG 固体电解质TANTALEX电容器高频电
|
Vishay Siliconix Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
199D475XXXXX |
Solid-Electrolyte Capacitors
|
Vishay Siliconix
|
TC105K20D TC105K20C TC105K20B TC105K20A TC105K06A |
Tantalum Capacitors with Solid Electrolyte
|
MERITEK ELECTRONICS CORPORATION
|
CWR06 |
Solid Tantalum Chip Capacitors, Conformal, MIDGET? Solid-Electrolyte Military, MIL-C-55365/4 Qualified, Minimum Size, Tape and Reel Packaging, Gold Plate, 60/40 Electroplate, or Hot Solder Dipped Terminations Available
|
Vishay
|
10SC10M 10SC22M 10SC47M 10SC4R7M 30SC1R5M 30SC10M |
Aluminum solid capacitors with Organic semiconductive electrolyte
|
Sanyo Semicon Device
|
TPSD6870020035 TPSE6870020035 TPSD6870020050 TPSE6 |
Low ESR series of robust Mn02 solid electrolyte capacitors TPS Series Low ESR Low ESR series of robust Mn02 solid electrolyte capacitors TPS Series Low ESR
|
AVX Corporation
|
EKC12 MALREKE00DD347EG0K MALREKE00BA247H00K MALREK |
CAP,AL2O3,470UF,25VDC,20% -TOL,20% TOL CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,AL2O3,220UF,35VDC,20% -TOL,20% TOL EKC Aluminum Capacitors Radial Style CAP,AL2O3,1MF,16VDC,20% -TOL,20% TOL CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 470 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
|
Vishay Siliconix Vishay Roederstein
|
|