PART |
Description |
Maker |
IRIS40131 IRIS4013K IRIS4013 IRISMPS3 |
INTEGRATED SWITCHER 多功能开 120W Output AC-DC Integrated Switchers in a TO-220 (5-Leads) package 120W Output AC-DC Integrated Switchers in a TO-262 (5-Lead) package AC-DC flyback power supply, IRIS4013(K), universal input, 15VOUT, 4A IOUT
|
International Rectifier, Corp. IRF[International Rectifier]
|
AS82181 AS8218BLQS AS8228BLQS AS8218BLQW AS8228BLQ |
Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
|
ams AG austriamicrosystems AG
|
MRFIC1818 |
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
|
MOTOROLA[Motorola, Inc]
|
AS8218 AS8228 |
Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
|
AMSCO[austriamicrosystems AG]
|
CR3710 |
Integrated ATAPI DVD Drive Manager Fully Integrated Chip for Game Consoles and DVD Players/ROMs
|
CIRRUS[Cirrus Logic]
|
MCF5274 MCF5275 MCF5275LCVM166 |
V2 ColdFire® Integrated Microprocessor MCF5275 Integrated Microprocessor Family Hardware Specification
|
Freescale (Motorola)
|
PC8240NBSP PC8240 PC8240VTPU200ETC |
Integrated Processor Family From old datasheet system Integrated RISC Processor, 200 MHZ
|
ATMEL[ATMEL Corporation]
|
ICS9248-131 ICS9248YF-131-T ICS9248YF-131LF-T AV92 |
Frequency Generator & Integrated Buffers for Celeron & PII/III?? Frequency Generator & Integrated Buffers for Celeron & PII/III⑩ 100 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48 Frequency Generator & Integrated Buffers for Celeron & PII/III 频率发生 Pleated Foil Flat Jacketed Cable, 93101/68 30 AWG, .025 (0.64) 频率发生 Frequency generator and integrated buffer for Celeron and PII/III
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] Integrated Device Technology, Inc.
|
KA2293 KA2293D KA22293Q KA22293 |
MONOLITHIC INTEGRATED CIRCUIT FOR MUSIC CENTER LINEAR INTEGRATED CIRCUIT
|
SAMSUNG[Samsung semiconductor]
|
FDFMA2N028Z08 FDFMA2N028Z |
20V Integrated N-Channel PowerTrenchMOSFET and Schottky Diode Integrated N-Channel PowerTrench㈢ MOSFET and Schottky Diode 20V, 3.7A, 68mヘ Integrated N-Channel PowerTrench庐 MOSFET and Schottky Diode 20V, 3.7A, 68m惟 Integrated N-Channel PowerTrench? MOSFET and Schottky Diode 20V, 3.7A, 68mΩ
|
Fairchild Semiconductor
|
ON1403B ON1403A CNZ1403B CNZ1403A ON1402B ON1402A |
Opto-Electronic Device - PhotocouplersPhotosensors - Integrated Photosensors CNZ1402A/B. CNZ1403A/B (ON1402A/B. ON1403A/B) - Integrated Photosensors Opto-Electronic Device - Photocouplers・Photosensors - Integrated Photosensors CNZ1402A /二CNZ1403A /乙(ON1402A / B的对1403A /乙) -集成光电传感
|
Matsshita / Panasonic
|