PART |
Description |
Maker |
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|
PXAS30KFA PXAS31KFBE PXAS37KFBE PXAS31KFA PXAS37KB |
XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16 MB address range XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16MB address range VRSTR 18VDC 14VAC 22PF SMD-0603 TR-7 NI/SN100
|
Philips Semiconductors NXP
|
PI3CH800 PI3CH800QE |
3CH SERIES, OCTAL 1-BIT DRIVER, TRUE OUTPUT, PDSO20 LOW Voltage, 5? 8-Channel 2-Port NanoSwitch?/a> LOW Voltage, 5з, 8-Channel 2-Port NanoSwitch⑩
|
PERICOM[Pericom Semiconductor Corporation]
|
MAX8213A MAX8213B MAX8213 MAX8214BESE MAX8214A MAX |
Five Universal Voltage Monitors, Complete µP Voltage Monitoring "Five Universal Voltage Monitors, Complete μP Voltage Monitoring" " Five Universal Voltage Monitors, Complete μP Voltage Monitoring" Five Universal Voltage Monitors-Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors with Active Pull-Ups From old datasheet system ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Five Universal Voltage Monitors, Complete µP Voltage Monitoring 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP16 Synchronous 4-Bit Binary Counters 16-CDIP -55 to 125 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD5535ABC AD5535 |
32-Channel, 14-Bit DAC with Fullscale Output Voltage Programmable from 50 V to 200 V 32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
|
AD[Analog Devices]
|
PXAS30 PXAS30KBA PXAS30KBBE PXAS30KFA PXAS30KFBE P |
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
P4KE11 P4KE10 P4KE100 P4KE100A P4KE20 P4KE20C P4KE |
Reverse stand-off voltage: 138.00V transient voltage suppressor 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105 Low Power, Rail-to-Rail Output, 16-Bit, Serial Input Digital-to-Analog Converter 8-MSOP -40 to 105 14-Bit, Single Channel, Parallel Interface, Multiplying Digital-to-Analog Converter 28-SSOP -40 to 85 Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, SVS 8-SOIC -40 to 125 8-bit, Quad, Digital-to-Analog Converter with I<sup>2</sup>C interface 10-MSOP -40 to 85 400W瞬态BOLTAGE抑制 400W TRANSIENT BOLTAGE SUPPRESSORS 400W瞬态BOLTAGE抑制
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
EVAL-AD5379EB AD5379ABC |
40-Channel 14-Bit Bipolar Voltage-Output D/A Converter
|
Analog Devices
|
AD5381BSTZ-3-REEL |
40-Channel 12-Bit 3 V/5 V Single-Supply Voltage-Output DAC; Package: LQFP; No of Pins: 100; Temperature Range: Industrial PARALLEL, WORD INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, PQFP100
|
Analog Devices, Inc.
|
AD5380BST-3 AD5380BST-3-REEL AD5380BST-5-REEL |
40-Channel 14-Bit 3 V/5 V Single-Supply Voltage-Output DAC
|
Analog Devices
|
AD5362 |
8-Channel, 16-Bit, Serial Input, Voltage-Output D/A Converter
|
Analog Devices, Inc.
|
|