PART |
Description |
Maker |
LTC3407-4 |
Dual Synchronous 800mA 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3545IUD-1-PBF LTC3545IUD-1-TRPBF LTC3545EUD-PBF |
Triple 800mA Synchronous Step-Down Regulator - 2.25MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PQCC16 Triple 800mA Synchronous Step-Down Regulator - 2.25MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PQCC16 Triple 800mA Synchronous Step-Down Regulator-2.25MHz
|
Linear Technology, Corp.
|
SP6654 SP6654ER SP6654EU SP6654EU_TR SP6654ER_TR S |
High Efficiency 800mA Synchronous Buck Regulator w/power good High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery 高效00mA的同步降压稳压器的理想与锂离子电池供电的便携式设
|
SIPEX[Sipex Corporation] Exar, Corp.
|
AKM62256LFP-10SLT AKM62256LP-10SL AKM62256LFP-8T A |
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C x8 SRAM x8的SRAM
|
|
EUP3290 |
2.25MHz Synchronous Step-Down DC/DC Regulator
|
Eutech Microelectronics
|
RT8057A GRM31CR71A106KA01 GRM31CR71A475KA01 |
2.25MHz 1A Synchronous Step-Down Converter
|
Richtek Technology Corporation Richtek Technology Corp...
|
LTC3427 |
500mA 1.25MHz Synchronous Step-Up DC/DC Converter
|
Linear Technology
|
LTC3407-3 LTC3407EDD-3 |
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3410 |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology Corporation
|
LTC3406B-2 LTC3406B-2ES5 |
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
|
http:// LINER[Linear Technology] Linear Technology Corporation
|