PART |
Description |
Maker |
LT1081INPBF |
Advanced Low Power 5V RS232 Dual Driver/Receiver
|
Linear Technology
|
NJU6401 NJU6401B NJU6401BD NJU6401BM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS232C LINE DRIVER/RECEIVER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
MAX208IDBE4 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
外设及接
|
CXA1992AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
SP3220EB SP3220EBCA SP3220EBCT SP3220EBCY SP3220EB |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
|
SIPEX[Sipex Corporation]
|
CXA1691BM CXA1691BS CXA1691BM/BS |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C FM/AM Radio
|
SONY[Sony Corporation]
|
CXA1998AQ |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
Sony, Corp.
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AM2168-35DC AM2168-35PC AM2168-35LC AM2169-70/BRA |
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C Single Cell High Current Micropower 600kHz Boost DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators Single Cell Micropower 600kHz PWM DC/DC Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 x4 SRAM x4的SRAM Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
API Delevan
|
LTC1337 LTC1337C LTC1337CG LTC1337CN LTC1337CS LT1 |
5V Low Power RS232 3-Driver/5-Receiver Transceiver From old datasheet system 5V Low Power RS232 3-Driver/5-Receiver Transceiver LINE TRANSCEIVER, PDIP28
|
LINER[Linear Technology] Linear Technology, Corp.
|
NDL7660P NDL7660PC |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
|
NEC Corp.
|