PART |
Description |
Maker |
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
T0980 T0980-TJQ T0980-TJS |
SiGe Transmit/ Receive Frontend IC Sige Transmit/receive Front-end ic
|
ATMEL Corporation
|
SC16IS752 SC16IS752IBS SC16IS752IPW SC16IS762 SC16 |
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT617-1 (HVQFN32); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32
|
NXP Semiconductors N.V.
|
RF2324PCBA-41X RF23241 |
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
|
RF Micro Devices
|
CX74036 |
IS-136 Receive RF IC for TDMA and AMPS Applications
|
Conexant Systems
|
CX74036 |
IS-136 Receive RF IC for TDMA and AMPS Applications
|
Conexant Systems, Inc Skyworks Solutions Inc.
|
R1910T |
In-Building PCS TDMA Repeater From old datasheet system
|
List of Unclassifed Manufacturers ETC[ETC]
|
AWT6104M5 |
PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc] ANADIGICS Inc
|
ST16C2550 ST16C2550CJ44 ST16C2550CP40 ST16C2550CQ4 |
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFO’S DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
|
EXAR[Exar Corporation]
|