PART |
Description |
Maker |
40TR12B |
SENSOR / ULTRASONIC / 40KHZ / TRAN
|
Jameco
|
NESG3031M05 NESG3031M05-T1 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
|
NEC Corp. NEC[NEC]
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
2SB1645 |
Silicon PNP triple diffusion planar type Darlington(For power amplification) 8 A, 160 V, PNP, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
MJL3281A MJL1302A |
Complementary NPN-PNP Silicon Power Bipolar Transistor Power 15A 200V PNP
|
ON Semiconductor
|
2SD2137A 2SB1417 2SB1417A 2SD2137 |
Silicon PNP epitaxial planar type(For power amplification) 3 A, 80 V, PNP, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
BDX54 BDX54C BDX54B BDX54A |
8 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER DARLINGTONS RJZ Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 05V; Power: 2W; 2W Single and Dual Outputs
|
Power Innovations Ltd POINN[Power Innovations Limited] Power Innovations International, Inc.
|
2SB1202-X-T6C-K 2SB1202-X-TN3-R 2SB1202-X-TM3-T 2S |
HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-251 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-126
|
UNISONIC TECHNOLOGIES CO LTD
|
SFT503/GR SFT501/G SFT501/GR |
5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR 5 A, 150 V, PNP, Si, POWER TRANSISTOR
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
SDH03 |
PNP NPN Darlington H-bridge PNP NPN Darlington Transistors (H-bridge)(PNP NPN达林顿晶体管(H桥)) 1.5 A, 100 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|
ZX5T951Z ZX5T951ZTA |
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 4.3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|