PART |
Description |
Maker |
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1652 2SA1652K |
PNP epitaxial type silicon transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC] NEC Corp.
|
2SA1724 |
PNP Epitaxial Planar Silicon Transistor High-Definiton CRT Display Video Output Driver Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1702 0122 |
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1839 |
PNP Epitaxial Planar Silicon Transistor for Muting Circuit Applications(用于噪声抑制电路应用的PNP硅外延平面型晶体 PNP Epitaxial Planar Silicon Transistors
|
Sanyo Electric Co.,Ltd.
|
2SA1898 0180 |
PNP Epitaxial Planar Silicon Transistor DC/DC Converter Application From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1494 |
Silicon PNP Epitaxial Planar Transistor(硅PNP外延平面晶体 17 A, 200 V, PNP, Si, POWER TRANSISTOR Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
RN4608 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
Toshiba Semiconductor
|
2SB1270 |
PNP Epitaxial Planar Type Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1123 2SD1623 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|