PART |
Description |
Maker |
AP2008 AP2008NA AP2008SLA |
0.2 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 0.2 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDIP8 PWM Buck Controller
|
INTEGRATED CIRCUIT TECHNOLOGY CORP ETC
|
AP2004SL-13 AP2004SL-U AP2004SG-13 AP2004SG-U AP20 |
PWM BUCK CONTROLLER 0.2 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
AP2006BNA |
0.8 V, 200 KHz, PWM buck DC/DC & linear controller
|
Anachip
|
HIP6302CBZ HIP6302CBZA HIP630204 HIP6302EVAL1 HIP6 |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO16 Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL6520AIBZ ISL6520ACRZ ISL6520ACBZ ISL6520AIRZ IS |
Single Synchronous Buck Pulse-Width Modulation PWM Controller Single Synchronous Buck Pulse-Width Modulation (PWM) controller ISL6520A; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC16
|
Intersil Corporation Intersil, Corp.
|
IRDC3037A IRU3037ACSTR IRU3037CSTR IRU3037ACFTR IR |
Reference design kit featuring 8-pin synchronous PWM controller, 400 KHz 8 PWM 400 KHz Sync Contr in a 8-Pin SOIC(NB) package 8 PWM 200 KHz Sync Contr in a 8-Pin SOIC(NB) package 8 PWM 400 KHz Sync Contr in a 8-Pin TSSOP package 8 PWM 200 KHz Sync Contr in a 8-Pin TSSOP package
|
International Rectifier
|
AP1515-33P AP1515-33PA AP1515-33S AP1515-33SA AP15 |
150KHz, 1.5A PWM Buck DC/DC Converter 2 A SWITCHING REGULATOR, 173 kHz SWITCHING FREQ-MAX, PSIP4
|
ANACHIP[Anachip Corp] INTEGRATED CIRCUIT TECHNOLOGY CORP
|
ISL6569ACBZ-T |
2 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24 Multi-Phase PWM Controller SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24
|
Intersil, Corp.
|
ISL6322GCRZ ISL6322GIRZ ISL6322GCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC48
|
Intersil Corporation Intersil, Corp.
|
MC74F86N MC54F86J ON1323 MC74F86 MC74F86J |
Low Input (2.25V-5.5V) 300 kHz Frequency, Synchronous Buck Controller, Source/ Sink, Prebias Operati 10-MSOP-PowerPAD -40 to 85 From old datasheet system QUAD 2-INPUT EXCLUSIVE-OR GATE FAST SCHOTTKY TTL
|
Motorola, Inc. MOTOROLA[Motorola Inc]
|
NCP1377BPG NCP1377BD1R2G |
PWM Current−Mode Controller for Free−Running Quasi−Resonant Operation 0.5 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDIP7 PWM Current−Mode Controller for Free−Running Quasi−Resonant Operation 0.5 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO7
|
ON Semiconductor
|
ISL6549CA ISL6549CAZ ISL6549CAZA ISL6549CB ISL6549 |
Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: 0°C to 70°C; Package: 16-QSOP T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO16 Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO14 Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|