PART |
Description |
Maker |
JANTX1N5619 JANTX1N5619UL JAN1N5619 JAN1N5619UL JA |
HERMETIC AXIAL LEAD/MELF RECTIFIER
|
SENSITRON[Sensitron]
|
SS5819-108 SS5819UR-1 |
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE 1 A, SILICON, SIGNAL DIODE
|
Sensitron SENSITRON SEMICONDUCTOR
|
Z150UFG |
High Voltage Diodes - Axial Lead 300mA - 1500mA ?100ns ?Hermetic
|
Voltage Multipliers Inc...
|
X150UFG X100UFG |
High Voltage Diodes - Axial Lead 25mA - 250mA ?100ns ?Hermetic
|
Voltage Multipliers Inc...
|
Z50FF3 Z50FF5 |
High Voltage Diodes - Axial Lead 180mA - 1000mA ?30ns - 50ns ?Hermetic
|
Voltage Multipliers Inc...
|
1N6523 1N6525 |
High Voltage Diodes - Axial Lead 100mA - 500mA ?70ns ?Hermetic ?JANTX ?JANTXV
|
Voltage Multipliers Inc...
|
7154 7155 7156 7151 7161 7163 7162 7160 7157 7159 |
Submicro Axial Lead Lamp/Micro Axial Lead Lamps/Axial Lead Lamps Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps 亚微米轴向引线灯,灯微轴向引线,轴向引线
|
Gilway Technical Lamp International Light Technologies Inc. International Light Technologies, Inc.
|
150D105X0010A2 150D106X0010B2 150D107X0010R2 150D1 |
Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead 固体电解质TANTALEX电容器密封型,轴向引 8BIT MCU 4K FLASH PBFREE Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Solid-Electrolyte TANTALEX® Capacitors;
Hermetically Sealed; Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed Axial-Lead Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed/ Axial-Lead Solid Tantalum Capacitors, Solid Electrolyte Tantalex, Hermetic Seal, Axial Leaded
|
Electronics Industry Public Company Limited OKI SEMICONDUCTOR CO., LTD. Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
1N5819RLG 1N5817 1N5817G 1N5817RL 1N5817RLG 1N5818 |
1A 40V Schottky Rectifier; Package: Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 1000 1 A, 40 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Rectifiers
|
ONSEMI[ON Semiconductor]
|
Z25FG-13 |
High Voltage Diodes - Axial Lead 300mA - 1500mA ?200ns ?Hermetic
|
Voltage Multipliers Inc...
|
DP5Z2MX16PAY3-70I DP5Z2MX16PAI3-70B DP5Z2MX16PAJ3- |
2M X 16 FLASH 5V PROM MODULE, 70 ns, CQCC48 HERMETIC SEALED, CERAMIC, SLCC-48 2M X 16 FLASH 5V PROM MODULE, 70 ns, CQIP48 HERMETIC SEALED, STRAIGHT-LEAD, CERAMIC, SLCC-48 2M X 16 FLASH 5V PROM MODULE, 70 ns, CQCC48 HERMETIC SEALED, J-LEAD, CERAMIC, SLCC-48 2M X 16 FLASH 5V PROM MODULE, 70 ns, CQFP48 HERMETIC SEALED, GULLWING-LEAD, CERAMIC, SLCC-48 2M X 16 FLASH 5V PROM MODULE, 70 ns, CPGA50 DENSE STACK, PGA-50 2M X 16 FLASH 5V PROM MODULE, 120 ns, CQIP48 HERMETIC SEALED, STRAIGHT-LEAD, CERAMIC, SLCC-48
|
Alliance Semiconductor, Corp. Linear Integrated System, Inc
|
1N4002 1N4006 1N4003 1N4007 1N4007FF 1N4007RL 1N40 |
Axial Lead Standard Recovery Rectifiers 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 (1N4001 - 1N4007) Axial Lead Standard Recovery Rectifiers 1A 400V Standard Rectifier 1A 800V Standard Rectifier 1A 200V Standard Rectifier 1A 100V Standard Rectifier 1A 600V Standard Rectifier
|
http:// ONSEMI[ON Semiconductor]
|