PART |
Description |
Maker |
SY100ELT23ZGTR SY10ELT23ZC SY10ELT23ZCTR SY10ELT23 |
IC TRANSLATOR PECL TTL DFF 8SOIC DUAL PECL TO TTL TRANSLATOR, TRUE OUTPUT, PDSO8 DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
|
Micrel Semiconductor, Inc.
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
SY10ELT22LZGTR SY100ELT22LZGTR |
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
|
Micrel Semiconductor,Inc.
|
SY10ELT22LZCTR SY100ELT22LZC SY10ELT22LZC SY100ELT |
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
|
MICREL[Micrel Semiconductor]
|
MC100ELT23-D |
5V Dual Differential PECL to TTL Translator
|
ON Semiconductor
|
SY10ELT22L08 SY100ELT22LZITR |
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
|
Micrel Semiconductor
|
AZ100ELT23DR1 AZ100ELT23DR2 AZ100ELT23TR1 AZ100ELT |
3.0 V-5.5 V, dual CMOS/TTL to differential PECL translator
|
Arizona Microtek
|
SY100EPT23LZGTR SY100EPT23LZI |
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR DUAL PECL TO TTL TRANSLATOR, TRUE OUTPUT, PDSO8
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
MC100LVELT23 MC100LVELT23_D ON0539 |
Dual Differential LVPECL to TTL Translator D SUFFIX 8-EAD PLASTIC SOIC PACKAGE CASE 751-05 From old datasheet system
|
ON Semiconductor
|
LTC1458L LTC1458 LTC1458CG LTC1458CSW 14588LF LTC1 |
Dual General Purpose LinCMOS(TM) Differential Comparator 8-TSSOP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SOIC 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-PDIP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SO 0 to 70 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-CDIP -55 to 125 Quad 12-Bit Rail-to-Rail Micropower DACs From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
PO49HSTL3807G |
3.3V 1:10 Differential to TTL Translator Driver
|
Potato Semiconductor Corporation
|
MC10ELT20-D |
5V TTL to Differential PECL Translator
|
ON Semiconductor
|