PART |
Description |
Maker |
STB80NF55-06 STP80NF55-06FP STB80NF55-06-1 STB80NF |
N-channel 55V - 0.005з - 80A - TO-220 /FP - I2PAK - D2PAK STripFET⑩ II Power MOSFET N - CHANNEL 55V - 0.005ohm - 80A TO-262/TO-263 STripFET POWER MOSFET N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET N-channel 55V - 0.005?/a> - 80A - TO-220 /FP - I2PAK - D2PAK STripFET?/a> II Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STV80NE03L-06 |
PC 3C 3#20 SKT RECP N - CHANNEL 30V - 0.005ohm - 80A - PowerSO-10 STripFET MOSFET N - CHANNEL 30V - 0.005ohm - 80A - PowerSO-10 STripFET MOSFET
|
意法半导 ST Microelectronics STMicroelectronics
|
STB80NF55-08 STB80NF55-08-1 STP80NF55-08 |
N - CHANNEL POWER MOSFET N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFETII POWER MOSFET N-CHANNEL 55V - 0.0065 OHM - 80A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET?/a> II POWER MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP80NF55-07 |
N-Channel 55V-0.0055Ω-80A- TO-220 STripFET Power MOSFET(N沟道功率MOSFET)
|
意法半导
|
STP80NF55L-06 STB80NF55-06 STP80NF55-06 STP80NF55- |
N-CHANNEL 55V - 0.005 OHM - 80A TO-220/TO-220FP/D2PAK STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.005 OHM - 80A TO-220/TO-220FP/D2PAK STRIPFET II POWER MOSFET
|
ST Microelectronics STMicroelectronics
|
FDB035AN06A0 FDB035AN06A0NL |
N-Channel PowerTrench MOSFET 60V/ 80A/ 3.5m N-Channel PowerTrench MOSFET 60V, 80A, 3.5mз Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 80A, 0.0035 Ohms @ VGS = 10V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V, 80A, 3.5mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF5Y3205CM |
55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 55V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
|
IRF[International Rectifier]
|
FDP8442 |
N-Channel PowerTrench® MOSFET 40V, 80A, 3.1mOhms N-Channel PowerTrench? MOSFET 40V, 80A, 3.1mΩ N-Channel PowerTrench垄莽 MOSFET 40V, 80A, 3.1m楼?
|
Fairchild Semiconductor
|
IRF5N4905 |
-55V Single P-Channel Hi-Rel MOSFET in a SMD-1 package POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.024ohm, Id=-55A*) SURFACE MOUNT (SMD-1) 55V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-55V/ Rds(on)=0.024ohm/ Id=-55A*)
|
IRF[International Rectifier]
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF5YZ48CM IRF5YZ48CM-15 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*) 55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
IRF[International Rectifier]
|
FDP047AN08 FDP047AN08A0 |
N-Channel PowerTrench MOSFET 75V/ 80A/ 4.7m N-Channel UltraFET Trench MOSFET 75V, 80A, 4.7mз N-Channel UltraFET Trench MOSFET 75V/ 80A/ 4.7m N-Channel UltraFET ?Trench MOSFET 75V, 80A, 4.7mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|