PART |
Description |
Maker |
BC337BU BC33725TAR BC33740TANL BC33716TAR BC33716T |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Zetex Semiconductor PLC Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2N6731M1TA |
1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC
|
BCX54-T1BD |
1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2N3019-JQR-BE4 |
1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
SEMELAB LTD
|
BSP52E6327 |
1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
SIEMENS A G
|
BC618 ON0154 BC618RL BC618ZL1 |
Darlington Transistor NPN From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Darlington Transistors(NPN Silicon) 1000 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|
2N5682.MODE1 |
1000 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
SEMELAB LTD
|
BFY5002 BFY50.MODE4 |
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR 1000 mA, 35 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
Seme LAB SEMELAB LTD
|
2DD1664P-13 2DD1664P 2DD1664Q-13 2DD1664R-13 |
NPN SURFACE MOUNT TRANSISTOR 1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC, SOT89-3L, 4 PIN
|
Diodes Incorporated http:// Diodes, Inc.
|
|