PART |
Description |
Maker |
MN-PK97-02XA5 MN-PK97-03GA5 MN-PK97-03XB5 MN-PK97- |
PVC, HAR approved
|
SHIELD s.r.l.
|
831-002 |
GT Gas Tube Assemblies for MIL-DTL-38999 Series II, Glenair Series 79 and Series 80
|
Glenair, Inc.
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
SQP200 SQP20A SQP700 SQP SQP10A SQP300 SQP500 SQP1 |
AXIAL LEAD TYPE Standard TypeSQP Series, Non-Inductive TypeNSP Series
|
List of Unclassifed Manufacturers ETC[ETC]
|
KDE1205PHB1 B0503PFB1-8 B0503PFB3-8 B0535PEB2-8 KD |
KDE SERIES DC Brushless Fan&Blower Traditional Motor Series
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
HD6472393 |
(HD6472355 Series) Series of Microcomputers Built Around The H8s/2000 Cpu
|
Renesas
|
KU10N16 |
TSS KU Series Sidac / Uni-directional Thyristor (G1V Series)
|
http:// Shindengen Electric Mfg.Co.Ltd Shindengen America
|
HD74ALVC1G06 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series
|
Renesas
|
904-15 |
900 SERIES, MPD SERIES MODULAR POWER SUPPLIES FOR OP AMPS LOGIC CIRCUITRY
|
Analog Devices
|