PART |
Description |
Maker |
X24026Y-2.7 X24026Y X24026X X24026X-2.7 X24026 X24 |
PSU, DIN RAIL, 12V, 200MA; Power rating:2.4W; Current, output:200mA; Length / Height, external:73.2mm; Width, external:45mm; Depth, external:119.2mm; Frequency, supply max:63Hz; Frequency, supply min:47Hz; Regulation, line:0.05%; Serial E2PROM
|
XICOR[Xicor Inc.] http://
|
MIT-5A116 5A116 |
MCCB, 200A, 50KA, 3P, MOTOR PROTECT; Voltage rating, AC:415V ac; Current rating:200A; Poles, No. of:3; Current, breaking capacity AC:50kA; Mounting type:DIN Rail; Length / Height, external:145mm; Width, external:90mm; Depth, RoHS Compliant: Yes Interrupters (Optical Switch) SLOTTED PHOTOINTERRUPTER
|
Unity Opto Technology
|
DU1P0-05D05 DU1P0-24S15 DU1P0-05D12 DU1P0-05D15 DU |
1 WATT DC-DC CONVERTER 1瓦的DC - DC转换 Hazard Warning Tape; Width:2"; Roll Length:5yard; Features:Glow-in-the-Dark Arrow Tape - Arrow Style RoHS Compliant: NA 1瓦的DC - DC转换 TAPE, BARRICADE, BLACK/YELLOW STRIPE; Colour:Yellow / Black; Length, tape:100m; Width, tape:75mm RoHS Compliant: NA SEMICONDUCTOR & CHEMICAL PIPE MARKERS From old datasheet system
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Power Mate Technology
|
ML4803CP-1 ML4803CP-2 ML4803CS-1 ML4803IP-1 ML4803 |
INDICATOR, T1, ROUND; Lamp fitting type:Bi-Pin; Diameter, panel cut-out:8mm; Depth, external:25mm; Length / Height, external:9mm; Temp, op. max:45(degree C); Temp, op. min:-25(degree C); Width, external:9mm; LED / lamp size:T1 RoHS Compliant: Yes 8-Pin PFC and PWM Controller Combo
|
MICRO-LINEAR[Micro Linear Corporation]
|
EL5223 EL5123 EL5123CY EL5123CY-T13 EL5123CY-T7 EL |
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers LENS, 18X18MM, ORANGE; Colour:Orange; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes QUAD BUFFER AMPLIFIER, PDSO10 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PDSO28 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers OCTAL BUFFER AMPLIFIER, PDSO20 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PQCC32 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers QUAD BUFFER AMPLIFIER, PDSO10 Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:30ft; Color:Black RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
2A07G 2A01G 2A02G 2A03G 2A04G 2A05G 2A06G |
2.0A GLASS PASSIVATED RECTIFIER FAN, GALAXY, 127X38MM, 24V; Series:Galaxy; Flow rate:150cu.ft/min; Flow rate, imperial:150cu.ft/min; Length / Height, external:127mm; Width, external 2.0A GLASS PASSIVATED RECTIFIER 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15
|
Diodes, Inc. DIODES[Diodes Incorporated] Diodes Inc.
|
Q62702-Y79-J Q62702-Y79-H Q62702-Y79-G Q62702-Y79 |
PNP SILICON PLANAR TRANSISTORS 进步党硅平面型晶体管 Safety Sign; Legend:No Smoking This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/White RoHS Compliant: NA 进步党硅平面型晶体管 Safety Sign; Legend:No Smoking (With Picture); External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/Black RoHS Compliant: NA 进步党硅平面型晶体管
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
MH1353 MH1353P MH1382 MH1382P MH1342P MH1342 MH135 |
Ultra High Sensitivity Channel Photomultiplier Head Including High Voltage Power Supply BASE FOR SEPARATE MOUNTINGBASE FOR SEPARATE MOUNTING; Approval Bodies:IEC/EN 60715 OVERLOAD FOR DILM40 - DILM65OVERLOAD FOR DILM40 - DILM65; Contact style:1 M, 1 B; Current, load:50A; Current, switch max:65A; Depth, external:86mm; Length / Height, external:112mm; Width, external:60mm Ultra High Sensitivity Gateable Photon Counting Module
|
PERKINELMER[PerkinElmer Optoelectronics] PerkinElmer Inc. PerkinElmer Optoelectro...
|
0472750001 472750001 |
2.50mm (.098) Pitch Battery Connector, SMT, Contact Height 4.50mm (.177), Contact Width 1.12mm (.044), 3 Circuits 2.50mm (.098") Pitch Battery Connector, SMT, Contact Height 4.50mm (.177"), Contact Width 1.12mm (.044"), 3 Circuits
|
Molex Electronics Ltd.
|
0473590001 473590001 |
2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 7.00mm (.276"), Working Height 2.10mm (.083"), 4 Circuits, Lead-free
|
Molex Electronics Ltd.
|
50555-7012 0505557012 |
Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size 10(M5), Oxygen-Free Copper, Width 12.00mm (.472), Length 23.50mm (.925) Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size 10(M5), Oxygen-Free Copper, Width 12.00mm (.472"), Length 23.50mm (.925")
|
Molex Electronics Ltd.
|
|