PART |
Description |
Maker |
2648LP/2A21108L110V1/3 2648LP/2A21308L380V3/3 2648 |
ROCKER SWITCH, DPDT, LATCHED AND MOMENTARY, 10A, 12VDC, PANEL MOUNT ROCKER SWITCH, SPST, LATCHED, 15A, 12VDC, PANEL MOUNT ROCKER SWITCH, DPST, LATCHED, 15A, 12VDC, PANEL MOUNT ROCKER SWITCH, SPDT, LATCHED, 10A, 12VDC, PANEL MOUNT
|
Vishay Intertechnology, Inc. Coilcraft, Inc.
|
AYZ0202AGRLC AYZ0102AGRLC AYZ0103AGRLC AYZ0203AGRL |
SLIDE SWITCH, DPDT, LATCHED, 0.1A, 12VDC, SURFACE MOUNT-STRAIGHT ROHS COMPLIANT SLIDE SWITCH, SPDT, LATCHED, 0.1A, 12VDC, SURFACE MOUNT-RIGHT ANGLE ROHS COMPLIANT SLIDE SWITCH, SP3T, LATCHED, 0.1A, 12VDC, SURFACE MOUNT-RIGHT ANGLE ROHS COMPLIANT SLIDE SWITCH, DP3T, LATCHED, 0.1A, 12VDC, SURFACE MOUNT-STRAIGHT ROHS COMPLIANT
|
ITT Interconnect Solutions C.K Components C & K COMPONENTS INC ITT CANNON
|
SRN91-14SBB CGA3-BB79 |
ROCKER SWITCH, SPDT, MOMENTARY, PANEL MOUNT ROCKER SWITCH, DPST, LATCHED, 20A, 12VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
BXA30-48S3V3/8-F BXA30-48S3V3-1 BXA30-12S05-F BXA3 |
Low on resistance quad, SPDT, wide-bandwidth video switch Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer 14 bit dual supply bus transceiver level translator, a side series resistor, 2 bit I²C lines Low voltage 0.5O max quad SPDT switch with break before make feature Low voltage 0.5 O max quad SPDT switch with break-before-make feature Low voltage 0.5O max dual SPDT switch with break before make feature Low voltage 4 O SPDT switch Low voltage 0.5 O max dual SPDT switch with break-before-make Low voltage high bandwidth Quad SPDT switch DC至DC转换 Low Voltage 0.5 Ohm Max, quad SPDT switch with break-before-make feature DC至DC转换 DC to DC Converter DC至DC转换 Low voltage high bandwidth dual SPDT switch DC至DC转换
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
PE4242 PE4242-EK 4242-52 4242-00 4242-01 4242-02 4 |
SPDT UltraCMOS⑩ RF Switch SPDT UltraCMOSRF Switch SPDT UltraCMOS RF Switch
|
etc PEREGRINE[Peregrine Semiconductor Corp.]
|
SDTA-620-K SDTX-644-RAP SDTA-644-S SDTA-230-R |
Switches 12volt 50mA 6mm Right Angle KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 1.47 N, THROUGH HOLE-RIGHT ANGLE KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, THROUGH HOLE-STRAIGHT KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.14 N, THROUGH HOLE-RIGHT ANGLE KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, THROUGH HOLE-RIGHT ANGLE
|
Bourns, Inc. BOURNS INC
|
AWS5518 AWS5518S14 |
The AWS5518 is a Single Pole Double Throw (SPDT) GaAs MMIC switch assembled in a SOT-26 plastic package. Switches GaAs IC SPDT Reflective Switch DC-2.0 GHz
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
1-1337491-0 1-1337493-0 1-1478041-0 1-1478045-0 1- |
BNC ELBOW PLUG URM70 75 BNC BULKHEAD SOCKET 75 BNC STR AD J-J 75 OHM BNC BULK AD J-J 75 OHM BNC STR AD J-J 50 OHM BNC INS BULK AD J-J 50 BNC BULK AD J-J 50 OHM BNC INS BULK AD J-J 75 BNC STR PCB SOCK SQ 50 BNC STR PLUG URM70 BNC STR PLUG URM202 BNC STR PLUG BT2003 BNC STR PLUG BT2002 BNC ELBOW PLUG RG59 BNC TEE AD J-P-J 50 OHM BNC STRAIGHT PLUG RG174 插头直插头RG174 BNC ELBOW PLUG RG58 50 插头弯头插头RG58 50
|
TE Connectivity, Ltd.
|
PCN11S-PFB-2-CP PCN11-100P-2.54WC-2 PCN11-96P-2.54 |
100 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, WIRE WRAP PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type) PCN11系列(产品符合符合DIN标准:无焊连接类型) 96 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT SWITCH PB MOM SPDT 3A R/A SWITCH PB SPDT VERT 3A PCB SWITCH PB SPDT VERT SOLDER 3A Snap Acting pushbutton switches feature multiple termination options Snap acting pushbutton switches with snap in panel mount option SMB MINI 75 OHM JACK 2 HOLE FLANGE SOLDER CUP GOLD SWITCH PB SPDT VERT SOLDER .4A
|
http:// TE Connectivity, Ltd. HIROSE ELECTRIC Co., Ltd. Honda Tsushin Kogyo Co., Ltd. Hirose Electric USA, INC.
|
AS179-000 |
GaAs SPDT Switch 300 kHz-3 GHz Medium Power PHEMT GaAs IC High Linearity 3 V T/R SPDT Switch 0.1-2.5 GHz
|
Skyworks Solutions Inc.
|
|