PART |
Description |
Maker |
2SC3675 |
900V/100mA High-Voltage Amplifier High-Voltage Switching Applications High-Voltage Amp, High-Voltage Switching Applications High-Voltage Amp High-Voltage Switching Applications High-Voltage Amp/ High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
ADR3420 ADR3420ARJZ-R2 ADR3420ARJZ-R7 ADR3425 ADR3 |
Micro-Power, High-Accuracy Voltage References, 6-Lead SOT23, Ind Temp -40°C – 125 °C THREE TERM VOLTAGE REFERENCE, PDSO6 Micro-Power, Ind. Temp -40°C to 125°C, High-Accuracy Voltage References, 6-Lead SOT-23 THREE TERM VOLTAGE REFERENCE, PDSO6 Micro-Power, High-Accuracy Voltage References, Ind Temp -40°C – 125 °C, Package: 6 Pin, SOT23-6 THREE TERM VOLTAGE REFERENCE, PDSO6 Micropower, High Accuracy Voltage References
|
Analog Devices, Inc.
|
SR180 SR1150 SR170 |
1.0Amp Schottky Barrier Rectifier Voltage Range: 20 thru 200Volts
|
Dongguan City Niuhang E...
|
JHV3680 JHV36 JHV3612 JHV3616 JHV3620 JHV3624 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 54; IFSM (A): 1200; Vrwm (V): 28000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
MICROSEMI[Microsemi Corporation]
|
LTC6104IMS8 LTC6104CMS8 LTC6104IMS8TRPBF LTC6104HM |
High Voltage, High Side, Bi-Directional Current Sense Amplifi er High Voltage, High Side, Bi-Directional Current Sense Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C High Voltage, High Side, Bi-Directional Current Sense Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C
|
LINEAR TECHNOLOGY CORP
|
2SC4854 2SC4854-5 2SC4854-4 |
晶体管|晶体管|叩| 6V的五(巴西)总裁| 15mA的一c)|36AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Low-Voltage Low-Current High-Frequency Amp Applications Low-Voltage, Low-Current High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
2SC4637 |
High-Voltage Amp, High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SA1968 |
High-Voltage Amp, High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
ISL2100909 ISL21009BFB812Z-TK ISL21009CFB850Z ISL2 |
High Voltage Input Precision, Low Noise FGA?Voltage References Precision, Low Noise FGAVoltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 Precision, Low Noise FGAVoltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 High Voltage Input Precision, Low Noise FGA Voltage References High Voltage Input Precision, Low Noise FGA™ Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 High Voltage Input Precision, Low Noise FGAVoltage References
|
Intersil, Corp. Intersil Corporation
|