PART |
Description |
Maker |
CY23S0904 CY23S09ZXC-1H CY23S05SXC-1H CY23S09SXC-1 |
Low-Cost 3.3V Spread Aware Zero Delay Buffer(低价.3V Spread Aware零延迟缓冲器) Low-Cost 3.3V Spread Aware垄芒 Zero Delay Buffer Low-Cost 3.3V Spread Aware⑩ Zero Delay Buffer Low-Cost 3.3V Spread Aware?Zero Delay Buffer
|
Cypress Semiconductor Corp.
|
W132 |
Spread Aware/ Ten/Eleven Output Zero Delay Buffer From old datasheet system Spread Aware, Ten/Eleven Output Zero Delay Buffer
|
Cypress Semiconductor
|
CY23S02SI-1 CY23S02SI-1T CY23S02SXI-1 CY23S02SXI-1 |
Spread Aware? Frequency Multiplier and Zero Delay Buffer Spread Aware⑩, Frequency Multiplier and Zero Delay Buffer Spread Aware垄芒, Frequency Multiplier and Zero Delay Buffer
|
Cypress Semiconductor
|
UPD42S16900LG5-A80-7JD UPD42S16900LV-A60 UPD42S179 |
3.3V, 125-MHz, Multi-Output Zero Delay Buffer Spread Awareª, Ten/Eleven Output Zero Delay Buffer x9 Fast Page Mode DRAM X9热卖快速页面模式的DRAM
|
DB Lectro, Inc. NXP Semiconductors N.V.
|
DS1090U-2 DS1090 DS1090U-8 |
500 kHz to 1 MHz, Low-frequency, spread-spectrum econ oscillator Low-Frequency, Spread-Spectrum EconOscillator
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
KM7101 |
Ultra-Low Cost, 136uA, 4.9MHz Rail-to-Rail I/O Amplifier From old datasheet system an ultra-low cost, low power, voltage feed-back
|
Fairchild Semiconductor
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
CAT93C46 CAT93C56U-1.8TE13 CAT93C46J-1.8TE13 CAT93 |
8K x 8 Magnetic Nonvolatile CMOS RAM 微型导线串行EEPROM FLEx36™ 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM 微型导线串行EEPROM Microwire Serial EEPROM 微型导线串行EEPROM Spread Aware, Eight Output Zero Delay Buffer SL811HS Embedded USB Host/Slave Controller 3.3V, 160-MHz, 1:12 Clock Distribution Buffer 1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM Microwire Serial EEPROM
|
Diodes, Inc. BCD Semiconductor Manufacturing, Ltd. CATALYST
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|