PART |
Description |
Maker |
MQ87C196KC MQ87C196KD MA87C196KD |
16-Bit high-performance CHMOS microcontroller with on-chip EPROM. 16 KBytes EPROM, 512 Bytes RAM 16-Bit high-performance CHMOS microcontroller with on-chip EPROM. 32 KBytes EPROM, 1024 Bytes RAM
|
Intel
|
C87C251SA16 C87C251SB16 C87C251SP16 C87C251SQ16 N8 |
High-performance CHMOS microcontroller. 8 Kbytes OTPROM/EPROM, 1 Kbytes RAM, 16MHz High-performance CHMOS microcontroller. 16 Kbytes OTPROM/EPROM, 1 Kbytes RAM, 16MHz High-performance CHMOS microcontroller. 8 Kbytes OTPROM/EPROM, 512 bytes RAM, 16MHz High-performance CHMOS microcontroller. 16 Kbytes OTPROM/EPROM, 512 bytes RAM, 16MHz High-performance CHMOS microcontroller. 16Kbytes ROM, 512 bytes RAM, 16MHz High-performance CHMOS microcontroller. CPU-only, 16MHz
|
Intel
|
8XC151SB 8XC151SA 27281403 |
High-Performance CHMOS Microcontroller From old datasheet system
|
Intel
|
8XC51RC |
CHMOS Single-Chip 8-Bit Microcontroller(CHMOS 型单位微控制 CHMOS单片8位微控制器(CHMOS型单位微控制器)
|
NXP Semiconductors N.V.
|
8XC196NU YW80C196NU40 YW80C196NU50 272644-004 8640 |
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER Commercial CHMOS 16-Bit Microcontroller(商用 CHMOS 16位微控制 商业CHMOS 16位微控制器(商用CHMOS 16位微控制器)
|
Intel Corporation Intel, Corp.
|
87C196JT AN87C196JQ AN87C196KR AN87C196JR AN87C196 |
Advanced 16-Bit CHMOS Microcontrollers Advanced 16-bit CHMOS microcontroller. EPROM 12K, Reg RAM 360, Code RAM 128, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 56 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 48K, Reg RAM 1.5K, Code RAM 512, I/O 41
|
Intel
|
MG80C186 |
CHMOS High Integration 16-Bit Microprocessor
|
Intel
|
MQ80C186 |
CHMOS high integration 16-bit microcontroller
|
Intel
|
M80C186 |
CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
|
INTEL[Intel Corporation]
|
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
80960HA 80960HT A80960HT60 A80960HT75SL2GP A80960H |
80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 80960HA/HD/HT 32位高性能超标量处理器 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 32-BIT, 60 MHz, RISC PROCESSOR, CPGA168 AC 3C 3#16S PIN RECP 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
|
http:// Intel, Corp. Intel Corp. Intel Corporation
|
80960CF-33 80960CF-16 80960CF-25 80960CF-40 |
SPECIAL ENVIRONMENT 80960CF-30/ -25/ -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR 80960CF-40/ -33/ -25/ -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
|
Intel Corporation
|