PART |
Description |
Maker |
AAT4290 |
(AAT4290 / AAT4291) I/O Expander Load Switches
|
AAT
|
DTC205813 |
N-Channel 20-V (D-S) MOSFET Load Switches for Portable Devices
|
DinTek Semiconductor Co,.Ltd
|
MAX4830ELV MAX4830ELT MAX4831ELT |
50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
|
Maxim Integrated Products
|
MIC94091YC6 MIC94092YC6 MIC94093YC6 MIC94090YC6 MI |
High Side Load Switches for Consumer Applications High Side Load Switches for Consumer Applications
|
Micrel Semiconductor
|
PE99155 |
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
|
Peregrine Semiconductor
|
CY8C9520 CY8C9520-24PVXI CY8C9560 CY8C9560-24AXI C |
20-, 40-, and 60-Bit I/O Expander with EEPROM a multi-port I/O expander with on-board user-available EEPROM and several PWM outputs
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp.
|
70-010-045A 70-010-051A 70-010-044A 70-010-054A 70 |
FUSE 8A QUICK BLOW FUSE 2A MEDIUM BLOW 5V, Step-Down, Current-Mode PWM DC-DC Converters FUSE 1.6A MEDIUM BLOW 3.3V/5V Palmtop Computer and LCD Power-Supply Regulator FUSE 3.15A QUICK BLOW FUSE 4A MEDIUM BLOW 保险4A条介质吹 FUSE 5A QUICK BLOW 保险5A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险2A条快速吹 4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander 保险1A条介质吹
|
TE Connectivity, Ltd. Bourns, Inc. ZETTLER electronics GmbH
|
NCP45540 |
NCP45540 Datasheet - ecoSWITCH™ Advanced Load Management: 18 A Controlled Load Switch with Low R<sub>ON</sub>
|
ON Semiconductor
|
AQY210KSX AQY210KSZ |
PhotoMOS relay, GU (general use) type. 1-channel(form A) with short circuit protection. AC/DC type. Output rating: load voltage 350 V, load current 120 mA.
|
Matsushita Electric Works(Nais)
|
MAX4667 MAX4667CPE MAX4667CSE MAX4667EPE MAX4667ES |
2.5 / Dual / SPST / CMOS Analog Switches 2.5? Dual, SPST, CMOS Analog Switches 2.5, Dual, SPST, CMOS Analog Switches 2.5з, Dual, SPST, CMOS Analog Switches 2.5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual.SPST.CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|