PART |
Description |
Maker |
74LVC1G10GF 74LVC1G10GM 74LVC1G10GV 74LVC1G10GW 74 |
Single 3-input NAND gate; Package: SOT457 (SC-74); Container: Tape reel smd, Reverse LVC/LCX/Z SERIES, 3-INPUT NAND GATE, PDSO6
|
NXP Semiconductors N.V. http://
|
5962F9863101VXC ACS30K ACS21D ACS30KMSR-03 ACS21K |
Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, CDFP14 Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, UUC11 RES, NETWORK SMT 100R 5% 1/16W 25V, 0603X4 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
MC74VHC1G00DFT1G |
Single 2 Input NAND Gate; Package: SC-88A, SOT-353, SC-70 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 AHC/VHC SERIES, 2-INPUT NAND GATE, PDSO5
|
ON Semiconductor
|
74ABT20D-T 74ABT20DB118 |
Dual 4-input NAND gate - Description: Dual 4-Input NAND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.7 ns; Voltage: 4.5-5.5 V ABT SERIES, DUAL 4-INPUT NAND GATE, PDSO14
|
Ecliptek, Corp. NXP SEMICONDUCTORS
|
74HC20D HCT20 74HCT20 74HCT20N 74HC20N 74HC20 74HC |
Dual 4-input NAND gate HC/UH SERIES, DUAL 4-INPUT NAND GATE, PDSO14 74HC/HCT20; Dual 4-input NAND gate Dual 4-input NAND gate 输入与非
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
SY100EL05ZC SY100EL05ZCTR SY10EL05ZCTR SY10EL05 SY |
CAP 3300PF 500V 20% X7R SMD-1210 TR-7 PLATED-NI/SN 100EL SERIES, 2-INPUT AND/NAND GATE, PDSO8 2-INPUT DIFFERENTIAL AND/NAND
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor] http://
|
ULS2822J ULS2822L ULS2025L ULS2025J ULS2003J ULS20 |
Single buffer (open drain) Single 2-input open drain NAND gate ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 逻辑IC Single 2-input AND gate 单两输入与门 Single exclusive OR gate EMI FILTER WITH ESD PROTECTION - (ASD) LNB supply and control voltage regulator (parallel interface) N - channel 100 V - 0.33 " - 2 A - SOT-223 STripFET™ Power MOSFET Single 2-input OR gate Single 2-input NAND gate TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE Single bus buffer (3-state) Single inverter (open drain) Single Schmitt inverter ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
|
HD74LS00P HD74LS00 HD74LS00FPEL HD74LS00RPEL |
LS SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quadruple 2-Input NAND Gates
|
Renesas Electronics Corporation
|
M74HC20 M74HC20RM13TR M74HC20TTR M74HC20B1R M74HC2 |
DUAL 4-INPUT NAND GATE DUAL 4-INPUT NAND GATE 10-Bit, 3 or 9 us DAC, Serial Input, Pgrmable Settling Time/Pwr Consumption, Ultra Low Power 8-MSOP 0 to 70
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
74V1G00CTR 74V1G00STR |
SINGLE 2-INPUT NAND GATE
|
ST Microelectronics
|
74V1G00S 74V1G00C 74V1G00 |
SINGLE 2-INPUT NAND GATE
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|