PART |
Description |
Maker |
X2816C X2816CE-12 X2816CE-15 X2816CE-20 X2816CE-90 |
5 Volt/ Byte Alterable E2PROM 5 Volt, Byte Alterable E2PROM THYRISTOR MODULE,BRIDGE,HALF-CNTLD,600V V(RRM) Power Module
|
XICOR[Xicor Inc.]
|
XM28C020-25 XM28C020M-12 XM28C020I-12 XM28C020-12 |
5 Volt, Byte Alterable E2PROM 5伏,可变E2PROM的字 5 Volt/ Byte Alterable E2PROM
|
Macronix International Co., Ltd. Xicor Inc.
|
X28C256 X28C256D X28C256D-20 X28C256D-25 X28C256D- |
5 Volt, Byte Alterable E2PROM 5 Volt/ Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
XM28C040 XM28C040-20 XM28C040-25 XM28C040I XM28C04 |
5 Volt/ Byte Alterable E2PROM 5 Volt, Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
X28HT512R-25 X28HT512 X28HT512D-20 X28HT512D-25 X2 |
Hook-Up Wire; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Color:Green/Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test RoHS Compliant: Yes High Temperature, 5 Volt, Byte Alterable E2PROM High Temperature/ 5 Volt/ Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
X28HC256D-12 X28HC256PZ-12 X28HC256PZ-15 X28HC256P |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 200 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, 90 ns, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 5V, Byte Alterable EEPROM
|
Intersil, Corp. Intersil Corporation
|
X28C010 |
(X28C010 / X28HT010) Byte Alterable EEPROM
|
Intersil Corporation
|
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
TC58V64BDC |
64-MBIT (8M x 8 BITS) CMOS NAND E PROM (8M BYTE SmartMedia ) 64-MBIT (8M 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM) 64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
|
TOSHIBA[Toshiba Semiconductor]
|
AT49BV8011 AT49BV8011-12CI AT49LV8011 AT49LV8011-9 |
8M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Bottom Boot 800万位2.7伏读取和2.7伏字节写扇区闪存。底部启 x8/x16 Flash EEPROM x8/x16闪存EEPROM 8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
|
3M Company Atmel, Corp. AMIC Technology, Corp. Advanced Micro Devices, Inc. ATMEL[ATMEL Corporation]
|
AT49BV163A AT49BV163T |
16M bit, 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash, Single Pane, Bottom Boot
|
Atmel
|
|