PART |
Description |
Maker |
MBT14XHS MBT27HS MBT33XHS MBT33SS MBT14SS MBT14HS |
Features & Benefits
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
HAMLINMDCG4 |
MDCG-4 Features and Benefits
|
HAMLIN Position and Mov...
|
59050-I-T-00-0 59050-I-S-00-0 59050-I-U-00-0 59050 |
PCB Mount Features and Benefits
|
HAMLIN Position and Movement Sensor Solutions
|
59160-1-S-00-A 59160-1-S-A 59160-1-S-B 59160-1-S-C |
Surface Mount Features and Benefits
|
HAMLIN Position and Movement Sensor Solutions
|
59090-3-T-01-A 59090-3-T-01-C 59090-3-T-02-A 59090 |
Heavy Duty Vane Sensor Features and Benefits
|
HAMLIN Position and Movement Sensor Solutions
|
59251-1-S-02-A 59251-1-S-02-B 59251-1-S-02-C 59251 |
Seating Occupancy Reed Switch Sensor Features and Benefits MAGNETIC FIELD SENSOR-HALL EFFECT
|
HAMLIN Position and Movement Sensor Solutions HAMLIN ELECTRONICS EUROPE LTD
|
HE721R2450 HE751A0500 HE752R2450 HE700 HE721A0500 |
D.I.L. Relay Features and Benefits
|
List of Unclassifed Man... List of Unclassifed Manufac... ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
BEC75-A-L LC5-A-C8 LPFCM14-A-C14 FCM1-A-C14 ABM4H- |
Adhesive Backed Mounts and Devices Features and Benefits SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
|
PANDUIT CORP.
|
AT91F40816 AT91F40816-33CI |
The AT91F40816 features 8K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. ARM Thumb Microcontrollers
|
ATMEL Corporation
|
GRF22N2BBRLN |
Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPST; Switch Operation:On-Off; Contact Current Max:15A; Switch Terminals:Screw; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator; Features: RoHS Compliant: Yes
|
THE CHERRY CORP
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
SPP18P06P09 SPP18P06PG |
SIPMOS? Power-Transistor Features P-Channel Enhancement mode SIPMOS庐 Power-Transistor Features P-Channel Enhancement mode
|
Infineon Technologies AG
|