PART |
Description |
Maker |
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQT1N60C FQT1N60CTF-WS |
N-Channel QFETMOSFET 600V, 0.2A, 11.5 N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
|
Fairchild Semiconductor
|
STP4NC60A STP4NC60AFP STB4NC60A-1 |
N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET 32BIT MCU,GPT,SIM,QSM N沟道600V 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STS1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A SO-8 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh⑩II MOSFET N沟道600V 7ohm - 0.4A的SO - 8 MOSFET的第二PowerMesh
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STB6NC60-1 STB6NC60T4 STP6NC60FP P6NC60 STB6NC60 S |
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?II MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESHII MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH⑩II MOSFET N-CHANNEL Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STD2NC60 STD2NC60-1 STD2NC60T4 |
N-CHANNEL 600V 3.3 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 3.3 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMeshII MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh⑩II MOSFET N-CHANNEL MOSFET
|
STMicroelectronics ST Microelectronics
|
FCA20N60F |
600V N-CHANNEL FRFET 20 A, 600 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
MMP60R360PTH |
600V 0.36(ohm) N-channel MOSFET
|
MagnaChip Semiconductor...
|
IRFAC40 IRFAC42 |
6.2A and 5.4A/ 600V/ 1.2 and 1.6 Ohm/ N-Channel Power MOSFETs 6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
|
Intersil Corporation
|
MDFS11N60 |
N-Channel MOSFET 600V, 11A, 0.55(ohm)
|
MagnaChip Semiconductor...
|
STP9NK60ZFP STP9NK60Z STB9NK60Z STB9NK60-1 STB9NK6 |
N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N沟道600V.85欧姆7A条TO-220/TO-220FP/D2PAK/I2PAK稳压保护SUPERMESH功率MOSFET N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 0.85OHM - 7A TO-220/FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH⒙POWER MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?Power MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|