PART |
Description |
Maker |
XFATM2Y-CLXU1-4MS |
SINGLE PORT COMBO Mechanical Dimensions For CLxu1-4MS Series
|
XFMRS Inc.
|
B3104UCLXX |
The Single Port Positive/Negative Battrax Series are programmable SIDACtor
|
Littelfuse
|
AR1USB1-3712 |
Single Port RJ45 & Single Port USB Combo
|
Allied Components Inter...
|
AR1USB1-4068 |
Single Port RJ45 and Single Port USB Combo
|
Allied Components Inter...
|
XFVOIP5E-CLXU1-4MS XFVOIP5E-CLXU1-4MS10 XFVOIP5E-C |
SINGLE PORT CIMBO SINGLE PORT COMBO
|
XFMRS Inc.
|
520242-2 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; FL MOD JACK PC MT ASSY (6 POS) ( AMP )
|
Tyco Electronics
|
555077-2 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; M/J,LPF,R/A,6P/4C,SMT,PNL STOP ( AMP )
|
Tyco Electronics
|
1-5406545-3 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; MJ,RJ11,SMT,6/4,BLACK,22"REEL,30 Au ( AMP )
|
Tyco Electronics
|
LVT162245 74LVT162245 74LVT162245G 74LVT162245MEA |
Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs LVT SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25? Series Resistors in A Port Outputs Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PM3351 PM3351-RC PM3351-SW |
Single-Port 10/100 Mbit/s Ethernet Switch SINGLE PORT FAST ETHERNET SWITCH
|
PMC[PMC-Sierra, Inc] PMC-Serria
|
LU3X31T-T64 |
LU3X31T-T64 Single-Port 3 10/100 Ethernet Transceiver TX Single-Port 3 V 10/100 Ethernet Transceiver TX/FX(单端3 V 10M位和100M位以太网收发
|
Agere Systems Lineage Power
|
74VCX162601 74VCX162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the B-Port Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列电阻在B端口输出 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the B-Port Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|