PART |
Description |
Maker |
EVAL-ADT7410EBZ ADT7410 ADT7410TRZ ADT7410TRZ-REEL |
±0.5°C Accurate, 16-Bit Digital I<sup>2</sup>C Temperature Sensor; Package: 8-pin; Temperature Range: -55°C to 150°C 隆戮0.5隆?C Accurate, 16-Bit Digital I2C Temperature Sensor ±0.5°C Accurate, 16-Bit Digital I2C Temperature Sensor
|
ANALOG DEVICES INC
|
AD7415-0 EVAL-AD7414/15EB AD7414-0 AD7414ART-2REEL |
±0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23 DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT MO-187AA, MSOP-8 Programmable Indicator "soft" LED blinker with TinyWire Single Wire Interface; 5-SC-70; Tape and Reel DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT ??.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
|
http:// Analog Devices, Inc. ANALOG DEVICES INC
|
MAX1299 MAX1298BEAE MAX1299AEAE MAX1299BEAE |
12-Bit Serial-Output Temperature Sensors with 5-Channel ADC 6-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO16 TMP125: 2 Degree Celsius Accurate Digital Temperature Sensor with SPI (TM) Interface 6-SOT-23 -40 to 125
|
http:// Maxim Integrated Products, Inc.
|
TCN75 TC74 TC77 |
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13
|
Microchip
|
ADT7320 |
16-Bit Digital SPI Temperature Sensor
|
Analog Devices
|
ADT7310 |
16-Bit Digital SPI Temperature Sensor
|
Analog Devices
|
ADT7408 |
卤 2掳C Accurate, 12-Bit Digital Temperature Sensor
|
AD
|
AD7414ARMZ-0REEL7 AD7414ARTZ-0500RL7 AD7415ARTZ-1R |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT MO-187AA, MSOP-8 DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT PLASTIC, MO-178AB, SOT-23, 6 PIN DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT PLASTIC, MO-178AA, SOT-23, 5 PIN ??.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23 0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADT7411 |
SPI/I2CCompatible, 10-Bit Digital Temperature Sensor and Eight Channel ADC
|
Analog Devices
|
3046 3058 |
HALL EFFECT GEAR-TOOTH SEN-SORS–ZERO SPEED
|
Allegro
|
TMP04FSZ |
Temperature Sensor: Serial Digital Output Thermometers CMOS/TTL Comp.; Package: SOIC; No of Pins: 8; Temperature Range: TBD DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 1.50Cel, RECTANGULAR, SURFACE MOUNT
|
Analog Devices, Inc.
|
|