PART |
Description |
Maker |
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter 1MHz.5A降压型DC / DC转换
|
Advanced Analogic Technologies, Inc.
|
LTC3523 LTC3523-2 |
Synchronous 600mA Step-Up And 400mA Step-Down DC/DC Converters
|
Linear Technology Corporation
|
LT1616 LT1616ES6 LT1616ES6TR LT1616ES6TRPBF LT1616 |
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 1.4MHz, 600mA Step-Down Switching Regulator in SOT-23
|
Linear Technology, Corp.
|
AATIAN16 |
600mA Step-Down Converter
|
SiGe Semiconductor, Inc. SiGe Semiconductor, Inc...
|
SY7104 |
1MHz Step Up Regulator
|
Silergy
|
AAT1150IKS-1.8-T1 AAT1150_06 AAT1150 AAT1150IKS-1. |
1MHz 1A Step-Down DC/DC Converter
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter
|
ANALOGICTECH[Advanced Analogic Technologies]
|
FP6160B FP6160BIR-LF-ADJ FP6160BKR-LF-ADJ |
600mA Synchronous Step-Down Regulator
|
Feeling Technology
|
AAT1106ICB-0.6-T1 AAT1106ICB-1.5-T1 AAT1106ICB-1.8 |
600mA Step-Down Converter 600mA降压转换
|
Advanced Analogic Technologies, Inc. Advanced Analog Technology, Inc.
|