PART |
Description |
Maker |
HD6845RP HD68B45SP |
AS Series Tandem Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, Silver Contacts, Quick Connect Termination, Corrosion Resistant Steel Housing Non-VGA Video Controller 非VGA视频控制
|
Rohm Co., Ltd.
|
99-3307 |
Blind Rivet
|
Alcoa international inc.
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
99-3445-68 |
Nail Type Blind Rivet
|
Alcoa international inc.
|
99-2730 |
UNIMATIC, Blind Rivet, Short Lgth.
|
Alcoa international inc.
|
99-2732 |
UNIMATIC, Blind Rivet, Long Lgth.
|
Alcoa international inc.
|
99-2736 |
UNIMATIC, Blind Rivet, Short Lgth.
|
Alcoa international inc.
|
BCM3360 |
CLIP FUSE 1/4 EARLESS RIVET MNT 高性能先进PHY的宽带电缆调制解调器网关
|
Littelfuse, Inc.
|
HD63B50P HD63A50P HD63A50FP HD68A50P HD6850 |
Communications Interface IC AVR MCU 8K 20MHZ 8SOIC IC AVR MCU 8K 20MHZ 8DIP AS Series Tandem Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, Silver Contacts, Quick Connect Termination, Corrosion Resistant Steel Housing 通信接口
|
Lite-On Technology, Corp.
|
NTSA4100 |
Schottky Rectif
|
ON Semiconductor
|
|