PART |
Description |
Maker |
DL400111 DL4001-TP DL4002-TP |
1 Amp Glass Passivated Rectifier 50 to 1000 Volts RECT PASSIVATED 1A 50V SMD MELF RECT PASSIVATED 1A 100V SMD MELF
|
Micro Commercial Components
|
MB4S-TP MB6S-TP |
IC RECT BRIDGE 0.5A 600V MBS-1 0.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
CS4391-KZ |
24-Bit / 192 kHz Stereo DAC with Volume Control RECT SCHOTTKY 100V 3A POWERMITE3 SERIAL INPUT LOADING, 24-BIT DAC, PDSO20
|
Cirrus Logic, Inc.
|
GS2M GS2B GS2G GS2J GS2K GS2A GS2D |
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
|
Micro Commercial Components Corp.
|
CRNA25-1000 CRNA25-1000PT CRNA25-400PT |
DIODE RECT 1000V 25A ISO TO220AB 15.9 A, 1000 V, SILICON, RECTIFIER DIODE, TO-220AC 15.9 A, 400 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Crydom, Inc. CRYDOM CORP
|
BAT62-02L BAT62-02W BAT62-08S BAT62-07W BAT62-03W |
Latest Silicon Discretes - Schottky Diode for power leveling Schottky Diodes - Low barrier silicon RF Schottky diode for detectors Schottky Diodes - Low barrier silicon RF Schottky diode array
|
Infineon
|
2N2323 JANTX2N2323 JANTX2N2323A JANTX2N2323AS JANT |
SILICON CONTROLLED RECTIFIER SILICON CONTROLLED RECTIFIER 0.3454 A, 200 V, SCR, TO-5 SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-205AD LED RED DIFFUSED 1.8X3.5MM RECT SCR, TO-39
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SSL-LX4673HGW-LA20 |
QUASARBRITE 4mm X 7mm RECT LED
|
LUMEX INC.
|
AS1122B-BQFT |
12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
|
austriamicrosystems AG
|
MUN5316DW1T1 MUN5313DW1T1 MUN5311DW1T1 MUN53XXDW1T |
Dual Bias Resistor Transistors POT 200 OHM 3/4 RECT CERM MT
|
LRC[Leshan Radio Company] 乐山无线电股份有限公
|
NCP1421-D |
500 mA Sync-Rect PFM Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
|
ON Semiconductor
|