PART |
Description |
Maker |
74ABT16500 74ABT16500CMTD 74ABT16500CSSC 74ABT1650 |
18-Bit Registered Bus Transceiver with 3-STATE Outputs 6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers 18-Bit Universal Bus Transceivers with 3-STATE Outputs ABT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IDT74FCT162952ET IDT74FCT162952CT IDT74FCT162952AT |
16-BIT REGISTERED TRANSEIVER FAST CMOS 16-BIT REGISTERED TRANSCEIVER
|
IDT
|
74ABT16646 74ABT16646DGG 74ABT16646DL 74ABTH16646D |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 16-bit bus transceiver/register 3-State ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ABT16646CMTD 74ABT16646CSSC 74ABT16646 74ABT1664 |
Dual 8-bit Bus Transceiver ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 16-Bit Transceivers and Registers with 3-STATE Outputs 16位收发器和寄存器3态输
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT29FCT52A IDT29FCT52AD IDT29FCT52ADB IDT29FCT52A |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 5K/REEL-13 快速CMOS八进制注册收发器 RECTIFIER FAST-RECOVERY SINGLE 3A 200V 150A-ifsm 1.2V-vf 150ns 5uA-ir DO-201AD 500/BULK FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CDFP24 FAST CMOS OCTAL REGISTERED TRANSCEIVERS FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CQCC28
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74FCT163501C IDT74FCT163501A IDT74FCT163501CPF |
BUS TRANSCEIVER|SINGLE|18-BIT|FCT/PCT-CMOS|TSSOP|56PIN|PLASTIC 3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
74LCX16543 MTD56 74LCX16543MEA 74LCX16543MTD 74LCX |
Low Voltage 16-Bit Registered Transceiver with 5V Tolerant Inputs and Outputs From old datasheet system Low Voltage 16-Bit Registered Transceiver with 5V-Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
SY10E336 SY10E336JCTR SY100E336JC SY100E336JCTR SY |
3-BIT REGISTERED BUS TRANSCEIVER
|
MICREL[Micrel Semiconductor]
|
IDT74LVC16501A |
3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
PI74LCX652 PI74LCX646 |
Fast CMOS 3.3V 8-Bit Registered Transceiver
|
Pericom Semiconductor Corporation
|