PART |
Description |
Maker |
C052H331J2G5GA |
Ceramic, 200C, MoldedHighTemp, 330 pF, 5%, 200 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
|
Kemet Corporation
|
SUM110N04-02L |
N-Channel 40-V (D-S) 200C MOSFET N-Channel 40-V (D-S) 200 Degree Celcious MOSFET
|
VISAY[Vishay Siliconix]
|
SHD11714411 SHD117144B |
HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
|
Sensitron
|
SHD117246B |
HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
|
Sensitron
|
SHD119234P SHD11923411 |
HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200C Operating Temperature
|
Sensitron
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
135D128X0006K2 135D128X0006T2 135D188X0006K2 135D2 |
Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55C to 200C Operation Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55∑C to 200∑C Operation 钽案例与玻璃对钽密封密封的,55ΣC00ΣC行动 Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55∑C to 200∑C Operation 钽案例与玻璃对钽密封密封的,55ΣC200ΣC行动 Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55?? to 200?? Operation
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
|