PART |
Description |
Maker |
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
ST25E64EM3TR ST24E64 ST24E64EB1TR ST24E64EB6TR ST2 |
(ST24E64 / ST25E64) SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM Power Supply Controller IC; Package/Case:28-SSOP; Supply Voltage Max:5.5V; Leaded Process Compatible:No; Output Voltage Max:3.3V; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount 串行I2C总线延长64K的(8K的8)EEPROM的寻址兼容
|
http:// ST Microelectronics 意法半导 STMicroelectronics N.V.
|
RTF015P02 |
Power Supply IC; Package/Case:10-MLP; Cap Charger Output Type:Three levels of switch current limit: 1.6, 1.8, 2.0 A; Output Type:Current; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.5V; Supply Voltage Min:3V RoHS Compliant: Yes DC-DC Converter (20V/ 1.5A) DC-DC Converter (-20V, -1.5A) DC-DC Converter (−20V, −1.5A)
|
Rohm CO.,LTD. ROHM[Rohm]
|
X5649S14I-4.5A X5648 X5648P X5648P-4.5A X5648S14 X |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 CAP 270PF 50V CERAMIC MONO 5% 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 THYRISTOR/DIODE MODULE, 106A 1600V Thyristor Module; Current, It av:25A; Repetitive Reverse Voltage Max, Vrrm:1600V; Package/Case:SEMIPACK 1; Leaded Process Compatible:No; Forward CPU Supervisor with 64Kbit SPI EEPROM
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EA2-3SNU EA2-6SNP EA2-6SNU EA2-5SNJ EA2-5SNP EA2-5 |
COMPACT AND LIGHTWEIGHT 小巧轻便 CONNECTOR ACCESSORY A/D Converter (A-D) IC; Resolution (Bits):16; Sample Rate:4kSPS; Input Channels Per ADC:1; DNL :0.5LSB; Data Interface:Serial; Package/Case:20-DIP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:16 RoHS Compliant: No Driver IC; Package/Case:28-SSOP; Supply Voltage Max:5V; Leaded Process Compatible:Yes; Number of Channels:3; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Frequency:20GHz; Interface Type:Serial A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:6; Input Channel Type:Differential Inputs; Data Interface:Serial; Package/Case:48-LQFP
|
NEC, Corp. NEC Corp. NEC[NEC]
|
BP2101-7RW BP1001-7RW BP2001-9RW BP1001-9RWB1 BP20 |
2-OUTPUT 132 W DC-DC REG PWR SUPPLY MODULE METAL, CASE P01, MODULE 1-OUTPUT 183 W DC-DC REG PWR SUPPLY MODULE METAL, CASE P01, MODULE 2-OUTPUT 182 W DC-DC REG PWR SUPPLY MODULE METAL, CASE P01, MODULE 1-OUTPUT 132 W DC-DC REG PWR SUPPLY MODULE METAL, CASE P01, MODULE 4-OUTPUT 192 W DC-DC REG PWR SUPPLY MODULE METAL, CASE P01, MODULE 2-OUTPUT 192 W DC-DC REG PWR SUPPLY MODULE 3-OUTPUT 186 W DC-DC REG PWR SUPPLY MODULE 2-OUTPUT 144 W DC-DC REG PWR SUPPLY MODULE
|
Power-One, Inc. POWER-ONE INC
|
AD7894 AD7894AR-10 AD7894AR-2 AD7894AR-3 AD7894BR- |
True Bipolar Input, 5 V Single Supply, 14-Bit, Serial 4.5 µs ADC in 8-Pin Package 5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package SWITCH SLIDE SPDT R/A .5A PCB Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:130Vrms; Voltage Rating DC, Vdc:170VDC; Peak Surge Current (8/20uS), Itm:6000A; Clamping Voltage 8/20us Max :340V; Capacitance, Cd:650pF; Package/Case:14mm Disc 5 V/ 14-Bit Serial/ 5 ms ADC in SO-8 Package VARISTOR 30VRMS 14MM RADIAL
|
AD[Analog Devices] Analog Devices, Inc.
|
1N4981D 1N4973C 1N4955D 1N4957D 1N4957C 1N4964D 1N |
Diode Zener Single 91V 1% 5W 2-Pin Case E Diode Zener Single 43V 2% 5W 2-Pin Case E Diode Zener Single 7.5V 1% 5W 2-Pin Case E Diode Zener Single 9.1V 1% 5W 2-Pin Case E Diode Zener Single 9.1V 2% 5W 2-Pin Case E Diode Zener Single 18V 1% 5W 2-Pin Case E Diode Zener Single 10V 2% 5W 2-Pin Case E Diode Zener Single 12V 1% 5W 2-Pin Case E Diode Zener Single 51V 1% 5W 2-Pin Case E Diode Zener Single 36V 2% 5W 2-Pin Case E Diode Zener Single 15V 1% 5W 2-Pin Case E Diode Zener Single 20V 1% 5W 2-Pin Case E Diode Zener Single 75V 1% 5W 2-Pin Case E Diode Zener Single 100V 2% 5W 2-Pin Case E Diode Zener Single 100V 1% 5W 2-Pin Case E Diode Zener Single 11V 1% 5W 2-Pin Case E Diode Zener Single 75V 2% 5W 2-Pin Case E Diode Zener Single 56V 1% 5W 2-Pin Case E Diode Zener Single 24V 1% 5W 2-Pin Case E Diode Zener Single 24V 2% 5W 2-Pin Case E Diode Zener Single 10V 1% 5W 2-Pin Case E Diode Zener Single 13V 2% 5W 2-Pin Case E Diode Zener Single 30V 1% 5W 2-Pin Case E Diode Zener Single 39V 1% 5W 2-Pin Case E
|
New Jersey Semiconductor
|
BXA30 BXA30-12S05J BXA30-48S15J BXA30-48S3V3J BXA3 |
1-OUTPUT 30 W DC-DC REG PWR SUPPLY MODULE ROHS COMPLIANT PACKAGE-8 Designed to meet telecom power supply interface standard ETS300-132-2
|
BI Technologies, Corp. Emerson Network Power
|
LTC2927CDDB LTC2927CDDB-PBF LTC2927CDDB-TR LTC2927 |
Single Power Supply Tracking Controller; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|