PART |
Description |
Maker |
AQY210HLAZ AQY210HLAX AQY210HL AQY210HLA |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AM29821DM AM29825DM AM29823DM AM29821DC AM29821A/B |
10-Bit D-Type Flip-Flop 300V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package; A PVA3324N with Standard Packaging Complete Sensorless Drive Design Platform iMOTION Development System; A IRMCS2031 with Standard Packaging High-voltage DC-DC buck converter for HB-LEDs constant current control; A IRPLLED1 with Standard Packaging 9-Bit D-Type Flip-Flop 20V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package; A PVN012 with Standard Packaging Halogen Convertor, 220/230VAC Input, 12VAC Output, 100VA Max; A IRPLHALO1E with Standard Packaging 250V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package; A PVT312LS with Tape and Reel Packaging Digital dimming DALI (Digital Addressable Lighting Interface) compliant lighting linear ballast with 1% dimming, IR2159, U.S. version, 120VAC line, 32W/T8 lamp; A IRPLDIM2U with Standard Packaging A 3-Way CFL Dimming Ballast; A IRPLCFL4 with Standard Packaging 10位D型触发器 Octal D-Type Flip-Flop 八路D类触发器
|
Analog Devices, Inc.
|
PS7141L-2B PS7141L-1B-E3 PS7141L-1B-E4 PS7141L-1B |
6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET 6引脚DIP00击穿电压通常闭式1通道通道光学耦合MOSFET 6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET 6引脚DIP00击穿电压通常闭式1通道2通道光学耦合MOSFET 6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH 2-CH OPTICAL COUPLED MOSFET
|
California Eastern Laboratories, Inc. NEC Corp. NEC[NEC] California Eastern Labs
|
CRX0505N CRX0512P |
(CRX05xx) 8-pin DIP type
|
TDK
|
RTF015P02 |
Power Supply IC; Package/Case:10-MLP; Cap Charger Output Type:Three levels of switch current limit: 1.6, 1.8, 2.0 A; Output Type:Current; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.5V; Supply Voltage Min:3V RoHS Compliant: Yes DC-DC Converter (20V/ 1.5A) DC-DC Converter (-20V, -1.5A) DC-DC Converter (−20V, −1.5A)
|
Rohm CO.,LTD. ROHM[Rohm]
|
H11AG33SD H11AG3S H11AG3SD H11AG3300 H11AG3300W H1 |
6-Pin DIP Low Current Input Phototransistor Output Optocoupler
|
Fairchild Semiconductor
|
6N138S 6N138SD 6N138SDV 6N138SV 6N138V 6N138W 6N13 |
8-Pin DIP Single-Channel Low Input Current High Gain Split Darlington Output Optocoupler 8-Pin DIP Dual-Channel Low Input Current High Gain Split Darlington Output Optocoupler
|
Fairchild Semiconductor
|
HDDB-37PF HDDB-37SF HDEB-9SF HDAB-15PF HDAB-15SF H |
Consumer IC 375W LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR Sidac Thyristor; Forward Current:90A; Current Rating:20A IC-RGB VIDEO AMP SYSTEM IC-VERT DEFL OUTPUT Unijunction Transistor; Power Dissipation:0.300W IC-1.3GHZ PLL FOR TV Voltage Regulator IC; Output Current:6mA; Output Voltage:5.1V; Package/Case:8-DIP; Voltage Regulator Type:Current Mode PWM; Mounting Type:Through Hole; Supply Voltage:30V IC-FM IF AMP- AF PREAMP IC-PWM CTRL CKT LED GREEN/RED BICOLOR 1210 SMD LED RED CLEAR 0805 SMD MOSFET-PWR-N-CH FAST SW Thermal Fuse; Current Rating:15A; Opening Temperature:72 C; Fuse Terminals:Axial Lead; Fuse Size/Group:3.22 " 锡D型微型连接器 SRAM Memory IC; Memory Type:SRAM; Interface Type:Serial; Access Time, Tacc:450ns; Package/Case:22-DIP; Mounting Type:Through Hole 锡D型微型连接器 Operational Amplifier RoHS Compliant: Yes 锡D型微型连接器 SOLDER TYPE D SUBMINIATURE CONNECTOR D型微型连接器 IC-POS 5V VLTG REGULATOR 锡D型微型连接器
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. Diodes Incorporated http:// HIROSE ELECTRIC Co., Ltd.
|
HDC-CTF HDC-CTF1 HDE-CTF1 HDA-CTF HDA-CTF1 HDB-CTF |
CTF SERIES PLASTIC D SUBMINIATURE SHELL(ACCESSORIES) Bridge Rectifier; Package/Case:DO-7; Current Rating:2A; Mounting Type:Through Hole CTF系列塑料微型壳牌(附件) CTF SERIES PLASTIC D SUBMINIATURE SHELL(ACCESSORIES) CTF系列塑料微型壳牌(附件) IC-DUAL OP AMP-8 PIN DIP IC,Audio Amplifier,SINGLE,DIP,14PIN,PLASTIC RoHS Compliant: Yes 375W LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR IC-MOS ADAPTER FOR 6800
|
HIROSE ELECTRIC Co., Ltd. http:// Diodes Incorporated Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
NIF62514_06 NIF62514 NIF62514T1 NIF62514T1G NIF625 |
Self−protected FET with Temperature and Current Limit Self-protected FET with Temperature and Current Limit(自保护型FET(带过温和过流保护))
|
ONSEMI[ON Semiconductor]
|
PR31MA11NTZ |
6-PIN DIP TYPE SSR FOR LOW POWER CONTROL
|
SHARP
|
S13MD01 |
8-pin DIP Type SSR for Low Power Control
|
Sharp Electrionic Components
|