PART |
Description |
Maker |
TC16-11YWA TA16-11 TA16-11EWA TA16-11GWA TA16-11SR |
37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
|
KINGBRIGHT[Kingbright Corporation]
|
LD15011ABRG LD15011BURUG LD15011AURUG LD15011BRG L |
1.50 inch Single Digit 7 Segment Dual-color LED Display
|
LightKey Optoelectronic...
|
559-1301-001F 559-5101-003F 559-5301-003F 559-5101 |
T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm LED Lamp; LED Color:Red; Luminous Intensity:34ucd; Forward Current:20mA; Forward Voltage:2.1V; Color:Red RoHS Compliant: Yes T-1 3/4 SINGLE COLOR LED, RED, 5 mm T-1 3/4 SINGLE COLOR LED, ORANGE, 5 mm
|
Dialight PLC
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
BP280TO5-2.1V-090T BP280TO5-2.1V-090N BP280TO3-5V- |
T-1 3/4 SINGLE COLOR LED, PURE ORANGE, 5 mm T-1 3/4 SINGLE COLOR LED, STANDARD RED, 5 mm T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm T-1 3/4 SINGLE COLOR LED, BLUE, 5 mm T-1 3/4 SINGLE COLOR LED, AMBER YELLOW, 5 mm T-1 3/4 SINGLE COLOR LED, ULTRA RED, 5 mm 5 mm, 1 ELEMENT, INFRARED LED, 850 nm T-1 3/4 SINGLE COLOR LED, PURE GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, LIME YELLOW, 5 mm 5 mm, 1 ELEMENT, INFRARED LED, 940 nm 5 mm, 1 ELEMENT, INFRARED LED, 880 nm
|
LEDtronics, Inc. LEDTRONICS INC
|
HLMP-P402-OPTION-014 HLMP-P402-OPTION-024 HLMP-P40 |
SINGLE COLOR LED, ORANGE, 1.78 mm SINGLE COLOR LED, EMERALD GREEN, 1.78 mm SINGLE COLOR LED, DEEP RED, 1.78 mm SINGLE COLOR LED, YELLOW, 1.78 mm SINGLE COLOR LED, HIGH EFFICIENCY RED, 1.78 mm SINGLE COLOR LED, HIGH PERFORMANCE GREEN, 1.78 mm
|
Cooper Bussmann, Inc. Agilent Technologies, Inc. Brady, Corp. ITT, Corp.
|
LTA065A041F |
17cm.5 inchcolor TFT-LCD module 17厘米.5英寸)彩色TFT - LCD模块 17cm(6.5 inch) color TFT-LCD module 17cm6.5 inch color TFT-LCD module 17cm?.5 inch color TFT-LCD module
|
TOSHIBA[Toshiba Semiconductor]
|
LSP380-PE7500 LGP380-MPE7500 LYP380-PE7500 LOP380- |
T-1 SINGLE COLOR LED, SUPER RED, 3 mm T-1 SINGLE COLOR LED, GREEN, 3 mm T-1 SINGLE COLOR LED, YELLOW, 3 mm T-1 SINGLE COLOR LED, ORANGE, 3 mm T-1 SINGLE COLOR LED, PURE GREEN, 3 mm
|
SIEMENS AG
|
21PCT200TWYG4B-140 21PCT200-1PB-140N 21PCT200-1AG- |
T-1 3/4 DUAL COLOR LED ARRAY, YELLOW/HIGH EFFICIENCY GREEN, 5 mm T-1 3/4 SINGLE COLOR LED ARRAY, BLUE, 5 mm T-1 3/4 SINGLE COLOR LED ARRAY, GREEN, 5 mm T-1 3/4 SINGLE COLOR LED ARRAY, AQUA GREEN, 5 mm T-1 3/4 SINGLE COLOR LED ARRAY, COOL WHITE, 5 mm T-1 3/4 SINGLE COLOR LED ARRAY, YELLOW, 5 mm T-1 3/4 SINGLE COLOR LED ARRAY, PURE GREEN, 5 mm
|
LEDtronics, Inc.
|
LTS-3406LG LTS3406LG -LTS3406LG |
The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY ALUMINUM ELECTROLYTIC CAPACITOR; CAPACITANCE:10UF; CAPACITANCE TOLERANCE: /- 20
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
|