PART |
Description |
Maker |
LT3024EDE-PBF LT3024IDE-PBF LT3024EFE-PBF LT3024IF |
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
|
Linear Technology
|
LT3027 |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
|
Linear Technology
|
MAX8865REUA MAX8865SEUA MAX8865T MAX8865TEUA MAX88 |
Dual / Low-Dropout / 100mA Linear Regulators Dual Low-Dropout 100mA Linear Regulators Dual, Low-Dropout, 100mA Linear Regulators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
AX6648 |
100mA Ultra-Low Quiescent Current Low Dropout Regulator
|
AXElite
|
LDO518 |
IP Library: Low Noise, High PSRR 100mA Low Dropout Voltage Regulator
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LT3080- LT3060MPTS8-1.5 LT3060MPTS8-2.5 LT3060MPTS |
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
|
Linear Technology http://
|
LBKD LAEX LBKC LBKF |
100mA, Low Voltage, Very Low Dropout Linear Regulator
|
Linear Technology Corporation
|
ILC7081 ILC7081AIM525X ILC7081AIM526X ILC7081AIM52 |
50/100mA SOT-23 CMOS RF LDO Regulators 50/100mA的SOT - 23 CMOS射频LDO稳压 0.08A Low Dropout Voltage Regulator 0.15A Low Dropout Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
CS8151YDWFR16 CS8151YDWF16 CS8151CGN8 CS8151YNF16 |
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP8 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP16
|
ON Semiconductor Linear Technology, Corp.
|
CS9201YDF8 CS9201YDFR8 CS9201 CS9201-D |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAPE
|
http:// ONSEMI[ON Semiconductor]
|