PART |
Description |
Maker |
IPP100N04S2-04 IPB100N04S2-04 SP0002-19061 SP0002- |
OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管 OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor 100 A, 40 V, 0.0036 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB GREEN, PLASTIC, TO-220, 3 PIN
|
Infineon Technologies AG
|
IPB100N08S2L-07 IPP100N08S2L-07 SP0002-19052 SP000 |
100 A, 75 V, 0.0068 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor OptiMOSPower-Transistor
|
Infineon Technologies AG
|
14-56-3123 14-56-3203 14-56-3143 |
CGrid SL IDT Opt G 30 SAu 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt G 30 SAu 20CKT 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt G 30 SAu 14CKT
|
Molex, Inc. MOLEX INC
|
70107-0055 70107-0054 70107-0057 |
SL WtW Conn SR W/MtgE Opt B 21Ckt 21 CONTACT(S), MALE, TWO PART BOARD CONNECTOR SL WtW Conn SR W/MtgE Opt B 20Ckt 20 CONTACT(S), MALE, TWO PART BOARD CONNECTOR SL WtW Conn SR W/MtgE Opt B 23Ckt 23 CONTACT(S), MALE, TWO PART BOARD CONNECTOR
|
Molex, Inc.
|
14-56-3125 14-56-3055 14-56-3165 |
100 SL Assy Single Row 15 SAu 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C 15 SAu 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C 15 SAu 16ckt
|
Molex, Inc. MOLEX INC
|
5217630010 |
OPT COUPLER
|
Meder Electronic
|
14-56-7120 14-56-7050 14-56-7040 |
SL IDT Opt C Female 22AWG Tin 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt C Female 22AWG Tin 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt C Female 22AWG Tin 4Ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-56-7257 14-56-7087 |
CGrid SL IDT Opt G 15 SAu 25Ckt 25 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL IDT Opt G 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
22-55-2502 22-55-2442 22-55-2462 22-55-2262 |
Multipole Connector; Number of Contacts:50; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt B DR Polzg 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt B DR Polzg 46Ckt Terminal Block; Body Material:Polyester, Glass-filled; Color:Black RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
14-56-2092 |
CGrid SL IDT Opt G 15 SAu 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-56-2124 MOLEXINC-14-56-2094 |
CGrid SL IDT Opt G 15 SAu 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
|