PART |
Description |
Maker |
ASM5I9773AG-52-ET ASM5I9773A ASM5I9773A-52-ER ASM5 |
Octal D-Type Flip-Flops With Clear 20-SO -40 to 85 Octal D-Type Flip-Flops With Clear 20-SOIC -40 to 85 2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
|
ALSC[Alliance Semiconductor Corporation]
|
DM74ALS273 DM74ALS273MSA DM74ALS273N DM74ALS273SJ |
Octal D-Type Edge-Triggered Flip-Flops with Clear Inputs Octal D-Type Edge-Triggered Flip-Flop with Clear Octal D-Type Flip-Flop FRICTION LOCK HEADER, 6 CIR, STRGHT SQR
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
SL74LV04 SL74LV04D SL74LV04N |
Octal D-Type Flip-Flops with Reset 20-SOIC -55 to 125 十六进制逆变 Octal D-Type Flip-Flops with Reset 20-PDIP -55 to 125 十六进制逆变 Hex Inverter
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
28F256 M28F256-90C1TR M28F256-90C3TR M28F256-90C6T |
Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC 0 to 70 256K2K的8,芯片擦除)闪存 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP 0 to 70 256K32K的8,芯片擦除)闪存 256K(32K x8, Chip Erase)FLASH MEMORY 256K2K的8,芯片擦除)闪存 KAPTON STRAP F/GLASS TUBE PKG/5 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC 0 to 70 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP 0 to 70 256K(32K x8 / Chip Erase)FLASH MEMORY 512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HD74HCT74A HD74HCT74AT HD74HCT74AFP |
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|TSSOP|14PIN|PLASTIC FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|SOP|14PIN|PLASTIC
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HD74HC374 HD74HC374FPEL HD74HC534 HD74HC534FPEL HD |
Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
|
Renesas Electronics Corporation
|
HER103L HER103LG HER107L HER107LG HER104L HER104LG |
Octal D-type Transparent Latches With 3-State Outputs 20-CDIP -55 to 125 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-LCCC -55 to 125 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-CDIP -55 to 125 Asynchronous 14-Bit Binary Counters 20-LCCC -55 to 125 1.0安培。玻璃钝化高效整流二极管 1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS 1.0安培。玻璃钝化高效整流二极管 Quadruple 2-Input Positive-OR Gates 14-CFP -55 to 125 1.0安培。玻璃钝化高效整流二极管 Octal Bus Transceivers With 3-State Outputs 20-CFP -55 to 125
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
KS74AHCT564 |
Octal D-Type Flip-Flops
|
Samsung
|
KS74AHCT377 |
Octal D-Type Flip-Flops
|
Samsung
|
HD74HC377FPEL HD74HC377RPEL |
Octal D-type Flip-Flops (with Enable)
|
Renesas Electronics Corporation
|
HD74LVC534 |
Octal D-type Flip Flops with 3-state Outputs(涓??杈?????D瑙????
|
Hitachi,Ltd.
|