PART |
Description |
Maker |
173 BR211-202 BR211-119 BR211-233 |
173 202 V, SYMMETRICAL BOD 119 V, SYMMETRICAL BOD 233 V, SYMMETRICAL BOD
|
NXP SEMICONDUCTORS
|
38280-0102 38280-0406 |
BTS STD 2 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK BTS ET 6 ASY
|
Molex, Inc. MOLEX INC
|
39372-00 39373-00 39371-00 39374-0909 39374-08 393 |
SR HDR 7.5MM 8 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG RE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 11 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 5 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY RA PLUG 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 3 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 7 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 4 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 7.50mm (.295? Pitch 37 Series Beau? Eurostyle? Pluggable Terminal Blocks 7.50mm (.295隆卤) Pitch 37 Series Beau垄莽 Eurostyle垄莽 Pluggable Terminal Blocks
|
Molex, Inc. Molex Electronics Ltd.
|
45970-3383 45970-3213 |
SEARAY Plug Asy #3 hgt w/ pegs 8X30 TL 240 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, PLUG SEARAY Plug Asy #2 hgt w/ pegs 10X30 TL
|
Molex, Inc. MOLEX INC
|
99-99-0995 99-99-0990 99-99-0994 99-99-0996 |
11CKT 2.5MM L/P WAFER ASY 526711AX 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 6CKT 2.5MM L/P WAFER ASY 526706AX 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10CKT 2.5MM L/P WAFER ASY 526710AX 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 2.5MM L/P WAFER ASY 526712AX 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
38720-6221 38729-0945 38729-0346 38720-7409 38720- |
SR BTS PC 21 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PCKT 4 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 10A 5 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 9 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 14 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC SS 3 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
39880-0405 39880-0402 39880-0409 |
35 DEGREE 5.08 5 ASY MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK LOW PROFILE 35 DEGREE 5.08 2 ASY 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK 35 DEGREE 5.08 9 ASY MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
C108220600 C101024006 C101024060 C101024600 C10112 |
Timers Symmetrical Recycler
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers http://
|
TISP4180LP TISP4160LP |
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
|
POINN[Power Innovations Ltd] Power Innovations Limited
|
TISP4180F3 TISP4150F3 TISP4125F3 |
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
|
POINN[Power Innovations Ltd] Power Innovations Limited
|
FSS |
AC Filter 2-Stage, Very High Symmetrical Attenuation
|
Schurter Inc.
|
|